Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6652 Datasheet(PDF) 38 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD6652 Datasheet HTML 34Page - Analog Devices AD6652 Datasheet HTML 35Page - Analog Devices AD6652 Datasheet HTML 36Page - Analog Devices AD6652 Datasheet HTML 37Page - Analog Devices AD6652 Datasheet HTML 38Page - Analog Devices AD6652 Datasheet HTML 39Page - Analog Devices AD6652 Datasheet HTML 40Page - Analog Devices AD6652 Datasheet HTML 41Page - Analog Devices AD6652 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
AD6652
Rev. 0 | Page 38 of 76
d
e
, one tap for I and one tap for Q
RAM COEFFICIENT FILTER
The final signal processing stage is a sum-of-products decimat-
ing filter with programmable coefficients. A simplified block
diagram is shown in Figure 49. The data memories I-RAM an
Q-RAM store the 160 most recent complex samples from th
previous filter stage with 20-bit resolution. The coefficient
memory, CMEM, stores up to 256 coefficients with 20-bit
resolution. On every CLK cycle
are calculated using the same coefficients. The RCF output
consists of 24 bits of I data and 24 bits of Q data.
160
× 20B
I-RAM
I IN
I OUT
256
× 20B
C-RAM
160
× 20B
Q-RAM
Q IN
Q OUT
Σ
Σ
Figure 49. RAM Coefficient Filter Block Diagram
RCF DECIMATION REGISTER
Use each RCF channel to decimate the data rate. The decima-
tion register is an 8-bit register that can decimate from 1 to 256
The RCF decimation is stored in 0xA0 in the form of M
.
1.
application, two RCF filters would be processing the same data
e
of
2.
RCF
−
The input rate to the RCF is fSAMP5.
RCF DECIMATION PHASE
Use the RCF decimation phase to synchronize multiple filters
within a chip. This is useful when using multiple channels
within the AD6652 to implement a polyphase filter, requiring
that the resources of several filters be paralleled. In such an
from the CIC5. However, each filter is delayed by one-half th
decimation rate, thus creating a 180° phase difference between
the two halves. The AD6652 filter channel uses the value stored
in this register to preload the RCF counter. Therefore, instead
starting from 0, the counter is loaded with this value, thus
creating an offset in the processing that should be equivalent to
the required processing delay. This data is stored in 0xA1 as an
8-bit number.
RCF FILTER LENGTH
The maximum number of taps this filter can calculate, Ntaps, is
given by the following equation. The value Ntaps − 1 is written to
the channel register within the AD6652 at address 0xA
⎟⎟
⎠
⎝
5
SAMP
f
here
min indicates th
⎞
⎜
160
,
min
RCF
taps
N
w
at Ntaps is the lesser of the two values,
the
ents need not be symmetric, and the
coefficient length, Ntaps, can be e
r odd. If the coefficients
are symmetric, th
ponse must be
written into the coefficient RAM.
ts is only 128 words
es,
data from the CIC5 into a 160 × 40 RAM.
ficient address RCFOFF + Ntaps − 1 is reached.
⎜
⎛
×
≤
CLK
M
f
separated by the comma, that appear within the brackets.
The RCF coefficients are located in addresses 0x00 to 0x7F and
are interpreted as 20-bit twos complement numbers. When
writing the coefficient RAM, the lower addresses are multiplied
by relatively older data from the CIC5, and the higher coeffi-
cient addresses are multiplied by relatively newer data from
CIC5. The coeffici
ven o
en both sides of the impulse res
Although the base memory for coefficien
long, the actual length is 256 words long. There are two pag
each of 128 words long. The page is selected by Bit 8 of 0xA4.
Although this data must be written in pages, the internal core
handles filters that exceed the length of 128 taps. Therefore, the
full length of the data RAM can be used as the filter length
(160 taps).
The RCF stores the
160 × 20 is assigned to I data and 160 × 20 is assigned to Q data.
The RCF uses the RAM as a circular buffer, so that it is difficult
to know in which address a particular data element is stored.
When the RCF calculates a filter output, it starts by multiplying
the oldest value in the data RAM by the first coefficient, which
is pointed to by the RCF coefficient offset register (0xA3). This
value is accumulated with the products of newer data words
multiplied by the subsequent locations in the coefficient RAM
until the coef
Table 16. Three-Tap Filter
Coefficient Address
Impulse Response
Data
0
h(0)
N(0) oldest
1
h(1)
N(1)
2 = (Ntaps − 1)
h(2)
N(2) newest
The RCF coefficient offset register has two purposes. The ma
purpose of this register is for rapid filter changes, by allowin
multiple filters to be loaded into memory and then selected
in
g
his
f
simply by changing the offset as a pointer. The other use of t
register is to form part of symbol timing adjustment. If the
desired filter length is padded with zeros on the ends, then the
starting point can be adjusted to form slight delays in when the
filter is computed with reference to the high speed clock. This
allows for vernier adjustment of the symbol timing. Course
adjustments can be made with the RCF decimation phase.
The output rate of this filter is determined by the output rate o
the CIC5 stage and MRCF, as follows:
RCF
SAMP
SAMPR
M
f
f
5
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com