Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6652 Datasheet(PDF) 29 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD6652 Datasheet HTML 25Page - Analog Devices AD6652 Datasheet HTML 26Page - Analog Devices AD6652 Datasheet HTML 27Page - Analog Devices AD6652 Datasheet HTML 28Page - Analog Devices AD6652 Datasheet HTML 29Page - Analog Devices AD6652 Datasheet HTML 30Page - Analog Devices AD6652 Datasheet HTML 31Page - Analog Devices AD6652 Datasheet HTML 32Page - Analog Devices AD6652 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
AD6652
Rev. 0 | Page 29 of 76
CTURE OVE
DATA INPUT MATRIX
t
N
-
more
into in-phase (I) and quadrature
(Q) components. This stage translates the input signal from a
digital intermediate frequency (IF) to digital baseband. Phase
and amplitude dither can be enabled on-chip to improve
spurious performance of the NCO. A phase-offset word is
available to create a known phase relationship between multiple
AD6652s or between channels.
SECOND-ORDER rCIC FILTER
Following frequency translation is a resampling, fixed
coefficient, high s
g cascade
integrator comb (rCIC2) filter, which reduces the sample rate
etween the master clock and the output data rate. This stage
can be bypassed by setting the decimation/interpolation ratio
to 1.
FIFTH-ORDER CIC FILTER
The next stage is a fifth-order cascaded integrator comb (CIC5)
filter, whose response is defined by the decimation rate. The
purpose of these filters is to reduce the data rate to the final
filter stage and to provide antialias filtering. The reduced data
rate allows the RAM coefficient filter (RCF) stage to calculate
more taps per output.
a
r beyond the 160 tap maximum.
s a
t
igerSHARC. A multiplexer for each port
f
e
l
Figure 45 illustrates the basic function of the AD6652, that is, to
select and filter a single carrier from a wide input spectrum and
to down-convert it to baseband data. Figure 46 shows examples
of the combined filter response of the rCIC2, CIC5, and RCF for
narrowband and wideband carriers.
DIGITAL DOWNCONVERTER ARCHITE
RVIEW
based on the ratio between the decimation and interpolation
registers. The resampler allows for noninteger relationships
RAM COEFFICIENT FILTER
The RAM coefficient filter (RCF) stage is a sum-of-products
FIR filter with programmable 20-bit coefficients, and decima-
tion rates programmable from 1 to 256 (1 to 32 in practice).
Each RAM coefficient FIR filter (RCF in Figure 1) can handle
maximum of 160 taps. Two or more RCF stages can be com-
bined using flexible channel configuration to increase the
processing powe
The digital downconverter (DDC) section features dual high
speed 12-bit input ports that are capable of crossbar multiplex-
ing of data to the four processing channels that follow the inpu
matrix. In addition, a third input option to the matrix is
available to facilitate BIST (built-in self-test). This option is a
pseudorandom noise (PN) sequence. The dual input ports
permit diversity reception of a carrier, or they can be treated as
unrelated and independent inputs. Either input port or the P
sequence can be routed to any or all four tuner channels. This
flexibility allows up to four signals to be processed simultane
ously. Refer to the DDC Input Matrix section for a
complete description.
NUMERICALLY CONTROLLED OSCILLATOR
Frequency translation is accomplished with a 32-bit complex
numerically controlled oscillator (NCO). Each of the four
processing channels contains a separate NCO. Real data
entering this stage is separated
peed, second-order, resamplin
b
The RCF outputs of each channel can be directly routed to one
or both output ports or to an AGC stage, where selected DDC
channels can be interleaved and interpolated in a half-band
filter, if desired.
INTERPOLATING HALF-BAND FILTERS AND AGC
Processed RCF data can also be routed to two half-band
interpolation stages, where up to four channels can be
combined (interleaved), interpolated by a factor of two, and
automatic gain control (AGC) applied. Each AGC stage ha
dynamic range of 96.3 dB. These stages can be bypassed
independently of each other. The outputs from the two AGC
stages are routed to both output port multiplexers. Each outpu
has a link port to permit seamless data interface with DSP
devices such as the T
selects one of the six data sources to appear at the device
parallel or link output pins.
The overall filter response for the AD6652 is the composite o
all decimating and interpolating stages. Each successive filter
stage is capable of narrower transition bandwidths, but requires
a greater number of CLK cycles to calculate the output. Mor
decimation in the first filter stage helps to minimize overal
power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com