Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74FCT654 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74FCT654
Description  FCT Interface Logic, Octal Bus Transceivers/ Registers, Open Drain (A Side), Three-State (B Side)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT654 Datasheet(HTML) 5 Page - Texas Instruments

  CD74FCT654 Datasheet HTML 1Page - Texas Instruments CD74FCT654 Datasheet HTML 2Page - Texas Instruments CD74FCT654 Datasheet HTML 3Page - Texas Instruments CD74FCT654 Datasheet HTML 4Page - Texas Instruments CD74FCT654 Datasheet HTML 5Page - Texas Instruments CD74FCT654 Datasheet HTML 6Page - Texas Instruments CD74FCT654 Datasheet HTML 7Page - Texas Instruments CD74FCT654 Datasheet HTML 8Page - Texas Instruments CD74FCT654 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
8-5
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6V
DC Diode Current, IIK (For VI < -0.5V) . . . . . . . . . . . . . . . . . . -20mA
DC Output Diode Current, IOK (for VO < -0.5V) . . . . . . . . . . . -50mA
DC Output Sink Current per Output Pin, IO . . . . . . . . . . . . . . . 70mA
DC Output Source Current per Output Pin, IO . . . . . . . . . . . . -30mA
DC VCC Current (ICC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140mA
DC Ground Current (IGND). . . . . . . . . . . . . . . . . . . . . . . . . . . 528mA
Operating Conditions
Operating Temperature Range, TA . . . . . . . . . . . . . . . . .0
oC to 70oC
Supply Voltage Range, VCC . . . . . . . . . . . . . . . . . . .4.75V to 5.25V
DC Input Voltage, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VCC
DC Output Voltage, VO. . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to ≤ VCC
Input Rise and Fall Slew Rate, dt/dv. . . . . . . . . . . . . . . . 0 to 10ns/V
Thermal Resistance (Typical, Note 4)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC-Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
4.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications Temperature Range 0oC to 70oC, VCC Max = 5.25V, VCC Min = 4.75V
PARAMETER
SYMBOL
TEST CONDITIONS
VCC (V)
AMBIENT TEMPERATURE (TA)
UNITS
25oC0oC TO 70oC
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
High Level Input Voltage
VIH
4.75 to 5.25
2
-
2
-
V
Low Level Input Voltage
VIL
4.75 to 5.25
-
0.8
-
0.8
V
High Level Output Voltage
VOH
VIH or VIL
-15
Min
2.4
-
2.4
-
V
Low Level Output Voltage
VOL
VIH or VIL
64
Min
-
0.55
-
0.55
V
High Level Input Current
IIH
VCC
Max
-
0.1
-
1
µA
Low Level Input Current
IIL
GND
Max
-
-0.1
-
-1
µA
Three-State Leakage Current
IOZH
VCC
Max
-
0.5
-
10
µA
IOZL
GND
Max
-
-0.5
-
-10
µA
Input Clamp Voltage
VIK
VCC or
GND
-18
Min
-
-1.2
-
-1.2
V
Short Circuit Output Current
(Note 5)
IOS
VO = 0
VCC or
GND
Max
-60
-
-60
-
mA
Quiescent Supply Current,
MSI
ICC
VCC or
GND
0
Max
-
8
-
80
µA
Additional Quiescent Supply
Current per Input Pin
TTL Inputs High, 1 Unit Load
∆ICC
3.4V
(Note 6)
Max
-
1.6
-
1.6
mA
NOTES:
5. Not more than one output should be shorted at one time. Test duration should not exceed 100ms.
6. Inputs that are not measured are at VCC or GND.
7. FCT Input Loading: All inputs are 1 unit load. Unit load is
∆ICC limit specified in Static Characteristics Chart, e.g., 1.6mA Max at 70oC.
CD74FCT653, CD74FCT654



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com