Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74FCT654 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74FCT654
Description  FCT Interface Logic, Octal Bus Transceivers/ Registers, Open Drain (A Side), Three-State (B Side)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT654 Datasheet(HTML) 7 Page - Texas Instruments

  CD74FCT654 Datasheet HTML 1Page - Texas Instruments CD74FCT654 Datasheet HTML 2Page - Texas Instruments CD74FCT654 Datasheet HTML 3Page - Texas Instruments CD74FCT654 Datasheet HTML 4Page - Texas Instruments CD74FCT654 Datasheet HTML 5Page - Texas Instruments CD74FCT654 Datasheet HTML 6Page - Texas Instruments CD74FCT654 Datasheet HTML 7Page - Texas Instruments CD74FCT654 Datasheet HTML 8Page - Texas Instruments CD74FCT654 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
8-7
Switching
tr, tf = 2.5ns, CL = 50pF, RL (Figures 3, 4)
PARAMETER
SYMBOL
VCC (V)
25oC0oC TO 70oC
UNITS
TYP
MIN
MAX
Power Dissipation Capacitance
CPD
----
pF
Min (Valley) VOH (B Side) During Switching of Other
Outputs (Output Under Test Not Switching)
VOHV
(Figure 1)
5
0.5
-
-
V
Max (Peak) VOL During Switching of Other Outputs
(Output Under Test Not Switching)
VOLP
(Figure 1)
51
-
-
V
Input Capacitance
CI
---
10
pF
Three-State Output Capacitance (B Side)
CO
---
15
pF
Off-State Output Capacitance (A Side)
CO
---
15
pF
NOTES:
8. 5V: minimum is at 4.75V for 0oC to 70oC, typical is at 5V.
9. CPD, measured per flip-flop, is used to determine the dynamic power consumption. PD
(per package) = VCC ICC + Σ(VCC
2 f
I CPD + VO
2 f
OCL + VCC ∆ICC D) where:
VCC = supply voltage
∆ICC = flow through current x unit load
CL = output load capacitance
D = duty cycle of input high
fO = output frequency
fI = input frequency
Test Circuits and Waveforms
NOTE:
10. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; ZOUT ≤ 50Ω;
tf, tr ≤ 2.5ns.
FIGURE 1. TEST CIRCUIT
FIGURE 2. SETUP, HOLD, AND RELEASE TIMING
FIGURE 3. PULSE WIDTH
3V
0
DUT
PULSE ZO
GEN
7V
500
Ω
50pF
500
Ω
VCC
RT
RT = ZO
V0
CL
RL
RL
VI
tr, tf = 2.5ns
(NOTE 10)
SWITCH POSITION
TEST
SWITCH
tPLZ, tPZL, Open Drain
Closed
tPHZ, tPZH, tPLH, tPHL
Open
DEFINITIONS:
CL = Load capacitance, includes jig and probe
capacitance.
RT = Termination resistance, should be equal to ZOUT of
the Pulse Generator.
VIN = 0V to 3V.
Input: tr =tf = 2.5ns (10% to 90%), unless otherwise specified
ASYNCHRONOUS CONTROL
tH
tSH
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
tH
tSH
PRESET CLEAR
CLOCK ENABLE
ETC.
SYNCHRONOUS CONTROL
tREM
DATA
INPUT
TIMING
INPUT
tW
LOW-HIGH-LOW
PULSE
HIGH-LOW-HIGH
PULSE
1.5V
1.5V
CD74FCT653, CD74FCT654



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com