Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74FCT654 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74FCT654
Description  FCT Interface Logic, Octal Bus Transceivers/ Registers, Open Drain (A Side), Three-State (B Side)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT654 Datasheet(HTML) 6 Page - Texas Instruments

  CD74FCT654 Datasheet HTML 1Page - Texas Instruments CD74FCT654 Datasheet HTML 2Page - Texas Instruments CD74FCT654 Datasheet HTML 3Page - Texas Instruments CD74FCT654 Datasheet HTML 4Page - Texas Instruments CD74FCT654 Datasheet HTML 5Page - Texas Instruments CD74FCT654 Datasheet HTML 6Page - Texas Instruments CD74FCT654 Datasheet HTML 7Page - Texas Instruments CD74FCT654 Datasheet HTML 8Page - Texas Instruments CD74FCT654 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
8-6
Switching Specifications Over Operating Range tr, tf = 2.5ns, CL = 50pF, RL (Figures 3, 4)
PARAMETER
SYMBOL
VCC (V)
25oC0oC TO 70oC
UNITS
TYP
MIN
MAX
Propagation Delays
Stored An
→ Bn
CD74FCT653
tPLH, tPHL
5
6.8
2
9
ns
Stored An
→ Bn
CD74FCT654
tPLH, tPHL
5
6.8
2
9
ns
Stored Bn
→ An
CD74FCT653
tPZL
5628
ns
tPLZ
5
6.8
2
9
ns
Stored Bn
→ An
CD74FCT654
tPZL, tPLZ
5
6.8
2
9
ns
An
→ Bn
CD74FCT653
tPLH, tPHL
5628
ns
An
→ Bn
CD74FCT654
tPLH, tPHL
5
6.8
2
9
ns
Bn
→ An
CD74FCT653
tPZL
5628
ns
tPLZ
5
6.8
2
9
ns
Bn
→ An
CD74FCT654
tPZL, tPLZ
5
6.8
2
9
ns
Select to Data (B Bus)
CD74FCT653,
CD74FCT654
tPLH, tPHL
5
8.3
2
11
ns
Select to Data (A Bus)
CD74FCT653
tPZL
5628
ns
tPLZ
5
6.8
2
9
ns
Select to Data (A Bus)
CD74FCT654
tPZL, tPLZ
5
6.8
2
9
ns
Three-State Enabling Times (B Bus),
Bus to Output or Register to Output
CD74FCT653
tPZL, tPZH
5
10.5
2
14
ns
CD74FCT654
tPZL, tPZH
5
11.3
2
15
ns
Three-State Disabling Time (B Bus),
Bus to Output or Register to Output
CD74FCT653
tPLZ, tPZH
5
6.8
2
9
ns
CD74FCT654
tPLZ, tPZH
5
6.8
2
9
ns
Off State Enabling Times (A Bus),
Bus to Output or Register to Output
CD74FCT653
tPZL
5
10.5
2
14
ns
CD74FCT654
tPZL
5
11.3
2
15
ns
Off State Disabling Time (A Bus),
Bus to Output or Register to Output
CD74FCT653
tPLZ
5
6.8
2
9
ns
CD74FCT654
tPLZ
5
6.8
2
9
ns
Prerequisite for Switching
tr, tf = 2.5ns, CL = 50pF, RL (Figures 3, 4)
PARAMETER
SYMBOL
VCC (V)
25oC0oC TO 70oC
UNITS
TYP
MIN
MAX
Maximum Frequency (B Side as Outputs)
fMAX
5
(Note 8)
-
80
-
MHz
Data to Clock Setup Time
tSU
5-4-
ns
Data to Clock Hold Time
tH
5-2-
ns
Clock Pulse Width
tW
5-6-
ns
CD74FCT653, CD74FCT654



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com