Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9255 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9255
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9255 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9255 Datasheet HTML 13Page - Analog Devices AD9255 Datasheet HTML 14Page - Analog Devices AD9255 Datasheet HTML 15Page - Analog Devices AD9255 Datasheet HTML 16Page - Analog Devices AD9255 Datasheet HTML 17Page - Analog Devices AD9255 Datasheet HTML 18Page - Analog Devices AD9255 Datasheet HTML 19Page - Analog Devices AD9255 Datasheet HTML 20Page - Analog Devices AD9255 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
AD9255
Data Sheet
Rev. C | Page 16 of 44
120
110
100
90
80
70
–100
–80
–90
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SFDRFS (DITHER ON)
SFDRFS (DITHER OFF)
SNRFS (DITHER ON)
SNRFS (DITHER OFF)
Figure 12. AD9255-80 Single-Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 30 MHz with and without Dither Enabled
100
95
90
85
80
75
70
65
0
50
100
150
200
250
300
INPUT FREQUENCY (MHz)
SNR @ –40°C
SNR @ +25°C
SNR @ +85°C
SFDR @ –40°C
SFDR @ +25°C
SFDR @ +85°C
Figure 13. AD9255-80 Single-Tone SNR/SFDR vs.
Input Frequency (fIN) and Temperature with 2 V p-p Full Scale
105
100
95
90
85
80
75
25
80
75
70
65
60
55
50
45
40
35
30
SAMPLE RATE (MSPS)
SFDR
SNR
Figure 14. AD9255-80 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 70.1 MHz
1.6M
1.4M
1.2M
1.0M
800k
600k
400k
200k
0
OUTPUT CODE
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3
0.62 LSB RMS
Figure 15. AD9255-80 Grounded Input Histogram
0
16,000
14,000
12,000
10,000
8000
6000
4000
2000
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
OUTPUT CODE
INL WITHOUT DITHER
INL WITH DITHER
Figure 16. AD9255-80 INL with fIN = 12.5 MHz
0.50
–0.50
–0.25
0
0.25
OUTPUT CODE
0
16,000
14,000
12,000
10,000
8000
6000
4000
2000
Figure 17. AD9255-80 DNL with fIN = 12.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com