Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9255 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9255
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9255 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9255 Datasheet HTML 15Page - Analog Devices AD9255 Datasheet HTML 16Page - Analog Devices AD9255 Datasheet HTML 17Page - Analog Devices AD9255 Datasheet HTML 18Page - Analog Devices AD9255 Datasheet HTML 19Page - Analog Devices AD9255 Datasheet HTML 20Page - Analog Devices AD9255 Datasheet HTML 21Page - Analog Devices AD9255 Datasheet HTML 22Page - Analog Devices AD9255 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
AD9255
Data Sheet
Rev. C | Page 18 of 44
120
110
100
90
80
70
–100
–80
–90
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SFDRFS (DITHER ON)
SFDRFS (DITHER OFF)
SNRFS (DITHER ON)
SNRFS (DITHER OFF)
Figure 24. AD9255-105 Single-Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 30 MHz with and without Dither Enabled
100
95
90
85
80
75
70
65
0
50
100
150
200
250
300
INPUT FREQUENCY (MHz)
SNR @ –40°C
SNR @ +25°C
SNR @ +85°C
SFDR @ –40°C
SFDR @ +25°C
SFDR @ +85°C
Figure 25. AD9255-105 Single-Tone SNR/SFDR vs.
Input Frequency (fIN) and Temperature with 2 V p-p Full Scale
105
100
95
90
85
80
75
25
105
95
85
75
65
100
90
80
70
60
55
50
45
40
35
30
SAMPLE RATE (MSPS)
SFDR
SNR
Figure 26. AD9255-105 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 70.1 MHz
1.4M
1.2M
1.0M
800k
600k
400k
200k
0
OUTPUT CODE
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3
0.63 LSB RMS
Figure 27. AD9255-105 Grounded Input Histogram
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
16,000
14,000
12,000
10,000
8000
6000
4000
2000
OUTPUT CODE
INL WITHOUT DITHER
INL WITH DITHER
Figure 28. AD9255-105 INL with fIN = 12.5 MHz
0.50
–0.50
–0.25
0
0.25
0
16,000
14,000
12,000
10,000
8000
6000
4000
2000
OUTPUT CODE
Figure 29. AD9255-105 DNL with fIN = 12.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com