Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9268 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9268
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9268_17 Datasheet HTML 29Page - Analog Devices AD9268_17 Datasheet HTML 30Page - Analog Devices AD9268_17 Datasheet HTML 31Page - Analog Devices AD9268_17 Datasheet HTML 32Page - Analog Devices AD9268_17 Datasheet HTML 33Page - Analog Devices AD9268_17 Datasheet HTML 34Page - Analog Devices AD9268_17 Datasheet HTML 35Page - Analog Devices AD9268_17 Datasheet HTML 36Page - Analog Devices AD9268_17 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
AD9268
Rev. A | Page 32 of 44
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 81, the power dissipated by the AD9268
varies with its sample rate. In CMOS output mode, the digital
power dissipation is determined primarily by the strength of the
digital drivers and the load on each output bit.
The maximum DRVDD current (IDRVDD) can be calculated as
IDRVDD = VDRVDD × CLOAD × fCLK × N
where N is the number of output bits (32 plus two DCO
outputs, in the case of the AD9268).
This maximum current occurs when every output bit switches on
every clock cycle, that is, a full-scale square wave at the Nyquist
frequency of fCLK/2. In practice, the DRVDD current is estab-
lished by the average number of output bits switching, which is
determined by the sample rate and the characteristics of the
analog input signal.
Reducing the capacitive load presented to the output drivers
reduces digital power consumption. The data in Figure 81 was
taken in LVDS output mode, using the same operating conditions
as those used for the Typical Performance Characteristics.
1.25
1.00
0.75
0.50
0.25
0.5
0.4
0.3
0.2
0.1
0
0
25
50
IAVDD
IDRVDD
75
100
125
ENCODE FREQUENCY (MHz)
TOTAL POWER
Figure 81. AD9268-125 Power and Current vs. Encode Frequency (LVDS
Output Mode)
1.0
0.8
0.6
0.4
0.2
0
0.5
0.4
0.3
0.2
0.1
0
25
35
45
55
65
75
85
95
105
ENCODE FREQUENCY (MSPS)
TOTAL POWER
IAVDD
IDRVDD
Figure 82. AD9268-105 Power and Current vs. Encode Frequency (LVDS
Output Mode)
1.0
0.8
0.6
0.4
0.2
0
0.25
0.20
0.15
0.10
0.05
0
25
35
45
55
65
75
ENCODE FREQUENCY (MSPS)
TOTAL POWER
IAVDD
IDRVDD
Figure 83. AD9268-80 Power and Current vs. Encode Frequency (LVDS
Output Mode)
By asserting PDWN (either through the SPI port or by asserting
the PDWN pin high), the AD9268 is placed in power-down
mode. In this state, the ADC typically dissipates 3.3 mW.
During power-down, the output drivers are placed in a high
impedance state. Asserting the PDWN pin low returns the
AD9268 to its normal operating mode.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering power-
down mode and then must be recharged when returning to normal
operation.
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required.
DIGITAL OUTPUTS
The AD9268 output drivers can be configured to interface with
1.8 V CMOS logic families. The AD9268 can also be configured
for LVDS outputs (standard ANSI or reduced output swing mode)
using a DRVDD supply voltage of 1.8 V.
In CMOS output mode, the output drivers are sized to provide
sufficient output current to drive a wide variety of logic families.
However, large drive currents tend to cause current glitches on
the supplies that may affect converter performance.
Applications requiring the ADC to drive large capacitive loads
or large fanouts may require external buffers or latches.
The default output mode is CMOS, with each channel output
on separate busses as shown in Figure 2. The output can also be
configured for interleaved CMOS via the SPI port. In interleaved
CMOS mode, the data for both channels is output through the
Channel A output bits, and the Channel B output is placed into
high impedance mode. The timing diagram for interleaved
CMOS output mode is shown in Figure 3.
The output data format can be selected for either offset binary
or twos complement by setting the SCLK/DFS pin when operating
in the external pin mode (see Table 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com