Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9268 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9268
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9268_17 Datasheet HTML 14Page - Analog Devices AD9268_17 Datasheet HTML 15Page - Analog Devices AD9268_17 Datasheet HTML 16Page - Analog Devices AD9268_17 Datasheet HTML 17Page - Analog Devices AD9268_17 Datasheet HTML 18Page - Analog Devices AD9268_17 Datasheet HTML 19Page - Analog Devices AD9268_17 Datasheet HTML 20Page - Analog Devices AD9268_17 Datasheet HTML 21Page - Analog Devices AD9268_17 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
AD9268
Rev. A | Page 17 of 44
40
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, rated sample rate, DCS enabled, 1.0 V internal reference, 2 V p-p differential input, VIN = −1.0 dBFS, and
32k sample, TA = 25°C, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
010
20
30
FREQUENCY (MHz)
SECOND HARMONIC
80MSPS
2.4MHz @ –1dBFS
SNR = 79.0dB (80.0dBFS)
SFDR = 98dBc
THIRD HARMONIC
Figure 8. AD9268-80 Single-Tone FFT with fIN = 2.4 MHz
0
–20
–40
–60
–80
–100
–120
–140
010
20
30
FREQUENCY (MHz)
40
SECOND HARMONIC
THIRD HARMONIC
80MSPS
70.1MHz @ –1dBFS
SNR = 77.5dB (78.5dBFS)
SFDR = 89.2dBc
Figure 9. AD9268-80 Single-Tone FFT with fIN = 70.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
010
20
30
FREQUENCY (MHz)
40
80MSPS
140.1MHz @ –1dBFS
SNR = 76.0dB (77.0dBFS)
SFDR = 81.1dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 10. AD9268-80 Single-Tone FFT with fIN = 140.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
010
20
30
40
FREQUENCY (MHz)
SECOND HARMONIC
80MSPS
200.3MHz @ –1dBFS
SNR = 74.3dB (75.3dBFS)
SFDR = 83dBc
THIRD HARMONIC
Figure 11. AD9268-80 Single-Tone FFT with fIN = 200.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
010
20
30
FREQUENCY (MHz)
40
SECOND HARMONIC
THIRD HARMONIC
80MSPS
70.1MHz @ –6dBFS
SNR = 73.0dB (79.0dBFS)
SFDR = 98dBc
Figure 12. AD9268-80 Single-Tone FFT with fIN = 70.1 MHz with Dither
Enabled
120
100
80
60
40
20
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
SFDR (dBFS)
Figure 13. AD9268-80 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 98.12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com