Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9268 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9268
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9268_17 Datasheet HTML 30Page - Analog Devices AD9268_17 Datasheet HTML 31Page - Analog Devices AD9268_17 Datasheet HTML 32Page - Analog Devices AD9268_17 Datasheet HTML 33Page - Analog Devices AD9268_17 Datasheet HTML 34Page - Analog Devices AD9268_17 Datasheet HTML 35Page - Analog Devices AD9268_17 Datasheet HTML 36Page - Analog Devices AD9268_17 Datasheet HTML 37Page - Analog Devices AD9268_17 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
AD9268
Rev. A | Page 33 of 44
As detailed in the AN-877 Application Note, Interfacing to High
Speed ADCs via SPI, the data format can be selected for offset
binary, twos complement, or gray code when using the SPI control.
Table 12. SCLK/DFS Mode Selection (External Pin Mode)
Voltage at Pin
SCLK/DFS
SDIO/DCS
AGND
Offset binary (default)
DCS disabled
AVDD
Twos complement
DCS enabled
(default)
Digital Output Enable Function (OEB)
The AD9268 has a flexible three-state ability for the digital output
pins. The three-state mode is enabled using the OEB pin or
through the SPI. If the OEB pin is low, the output data drivers and
DCOs are enabled. If the OEB pin is high, the output data drivers
and DCOs are placed in a high impedance state. This OEB
function is not intended for rapid access to the data bus. Note
that OEB is referenced to the digital output driver supply
(DRVDD) and should not exceed that supply voltage.
When using the SPI, the data outputs and DCO of each channel
can be independently three-stated by using the output enable
bar bit (Bit 4) in Register 0x14.
TIMING
The AD9268 provides latched data with a pipeline delay of
12 clock cycles. Data outputs are available one propagation
delay (tPD) after the rising edge of the clock signal.
The length of the output data lines and loads placed on them
should be minimized to reduce transients within the AD9268.
These transients can degrade converter dynamic performance.
The lowest typical conversion rate of the AD9268 is 10 MSPS.
At clock rates below 10 MSPS, dynamic performance can degrade.
Data Clock Output (DCO)
The AD9268 provides two data clock output (DCO) signals
intended for capturing the data in an external register. In CMOS
output mode, the data outputs are valid on the rising edge of DCO,
unless the DCO clock polarity has been changed via the SPI. In
LVDS output mode, the DCO and data output switching edges
are closely aligned. Additional delay can be added to the DCO
output using SPI Register 0x17 to increase the data setup time.
In this case, the Channel A output data is valid on the rising
edge of DCO, and the Channel B output data is valid on the
falling edge of DCO. See Figure 2, Figure 3, and Figure 4 for a
graphical timing description of the output modes.
Table 13. Output Data Format
Input (V)
Condition (V)
Offset Binary Output Mode
Twos Complement Mode
OR
VIN+ − VIN−
< −VREF − 0.5 LSB
0000 0000 0000 0000
1000 0000 0000 0000
1
VIN+ − VIN−
= −VREF
0000 0000 0000 0000
1000 0000 0000 0000
0
VIN+ − VIN−
= 0
1000 0000 0000 0000
0000 0000 0000 0000
0
VIN+ − VIN−
= +VREF − 1.0 LSB
1111 1111 1111 1111
0111 1111 1111 1111
0
VIN+ − VIN−
> +VREF − 0.5 LSB
1111 1111 1111 1111
0111 1111 1111 1111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com