Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3590 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3590
Description  LM3590Series White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3590 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3590 Datasheet HTML 1Page - National Semiconductor (TI) LM3590 Datasheet HTML 2Page - National Semiconductor (TI) LM3590 Datasheet HTML 3Page - National Semiconductor (TI) LM3590 Datasheet HTML 4Page - National Semiconductor (TI) LM3590 Datasheet HTML 5Page - National Semiconductor (TI) LM3590 Datasheet HTML 6Page - National Semiconductor (TI) LM3590 Datasheet HTML 7Page - National Semiconductor (TI) LM3590 Datasheet HTML 8Page - National Semiconductor (TI) LM3590 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics (Notes 2, 6) (Continued)
Note 6: All room temperature limits are 100% tested or guaranteed through statistical analysis. All limits at temperature extremes are guaranteed by correlation
using standard Statistical Quality Control methods (SQC). All limits are used to calculate Average Outgoing Quality Level (AOQL). Typical numbers are not
guaranteed, but do represent the most likely norm.
Note 7: The current source is connected internally between VIN and VIOUT. The voltage across the current source, [VIN −VIOUT], is referred to as headroom voltage.
For the current source to regulate properly, a minimum headroom voltage must be present across it. Minimum required headroom voltage is proportional to the
current flowing through the current source, as dictated by this equation: VHR-MIN = 300mV x (IOUT ÷ 20mA).
Note 8: An internal 500k
Ω pull-down resistor is connected between the EN and GND pins.
Functional Block Diagram
20081314
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com