Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3590 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3590
Description  LM3590Series White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3590 Datasheet(HTML) 8 Page - National Semiconductor (TI)

  LM3590 Datasheet HTML 1Page - National Semiconductor (TI) LM3590 Datasheet HTML 2Page - National Semiconductor (TI) LM3590 Datasheet HTML 3Page - National Semiconductor (TI) LM3590 Datasheet HTML 4Page - National Semiconductor (TI) LM3590 Datasheet HTML 5Page - National Semiconductor (TI) LM3590 Datasheet HTML 6Page - National Semiconductor (TI) LM3590 Datasheet HTML 7Page - National Semiconductor (TI) LM3590 Datasheet HTML 8Page - National Semiconductor (TI) LM3590 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Application Information (Continued)
2.
Brightness control can be implemented by pulsing a
signal at the EN pin. LED brightness is proportional to
the duty cycle (D) of the PWM signal. For linear bright-
ness control over the full duty cycle adjustment range,
the PWM frequency (f) should be limited to accommo-
date the turn-on time (T
ON = 50µs) of the device.
D x (1/f) > T
ON
f
MAX =DMIN ÷TON
If the PWM frequency is much less than 100Hz, flicker
may be seen in the LEDs. For the LM3590, zero duty
cycle will turn off the LEDs and a 50% duty cycle will
result in an average I
OUT being half of the programmed
LED current. For example, if R
SET is set to program
15mA, a 50% duty cycle will result in an average I
LED of
7.5mA.
POWER DISSIPATION
The power dissipation (P
DISSIPATION) and junction tempera-
ture (T
J) can be approximated with the equations below. PIN
is the product of the input current and input voltage, P
IOUT is
the power consumed by the LEDs, T
Ais the ambient tem-
perature, and
θ
JA is the junction-to-ambient thermal resis-
tance for the SOT23-5 package. V
IN is the input voltage to
the LM3590, V
IOUT is the sum of the forward voltages of
LEDs connected to the I
OUT pin, and IOUT is the programmed
LED current.
P
DISSIPATION =PIN -PIOUT
=(V
IN xIOUT)−(VIOUT xIOUT)
T
J =TA +(PDISSIPATION x
θ
JA)
The junction temperature rating takes precedence over the
ambient temperature rating. The LM3590 may be operated
outside the ambient temperature rating, so long as the junc-
tion temperature of the device does not exceed the maxi-
mum operating rating of 110˚C. The maximum ambient tem-
perature rating must be derated in applications where high
power dissipation and/or poor thermal resistance causes the
junction temperature to exceed 110˚C.
Application Circuits
Figure 2 shows how to program the LED current to four
different DC levels using two digital logic signals. The pro-
grammed LED current is a function of the equivalent resis-
tance on the I
SET pin (RISET), resulting from the logic signals
on SET1 and SET2. Example values for R1, R2, and RSET
an the resulting 4 current levels are shown below.
TABLE 3. Digital LED Current Programming
EN
SET1
SET2
R
ISET
Example R
ISET
Example I
OUT
0
X
X
Shutdown
Shutdown
Shutdown
11
1
R
SETiR1iR2
31.6k
Ωi15.kΩi31.6kΩ
16mA
11
0
R
SETiR1
31.6k
Ωi15.kΩ
12mA
10
1
R
SETiR2
31.6k
Ωi31.6kΩ
8mA
10
0
R
SET
31.6k
Ω
4mA
20081313
FIGURE 2. Example: R
1 = 15.8k
Ω,R
2 = 31.6k
Ω,R
SET = 31.6k
Ω
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com