Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3590 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3590
Description  LM3590Series White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3590 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3590 Datasheet HTML 1Page - National Semiconductor (TI) LM3590 Datasheet HTML 2Page - National Semiconductor (TI) LM3590 Datasheet HTML 3Page - National Semiconductor (TI) LM3590 Datasheet HTML 4Page - National Semiconductor (TI) LM3590 Datasheet HTML 5Page - National Semiconductor (TI) LM3590 Datasheet HTML 6Page - National Semiconductor (TI) LM3590 Datasheet HTML 7Page - National Semiconductor (TI) LM3590 Datasheet HTML 8Page - National Semiconductor (TI) LM3590 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM3590
Series White LED Driver
General Description
The LM3590 is a White LED constant current driver capable
of supplying up to 3 White LEDs connected in series with
20mA. This device operates over a wide 6V-12.6V input
voltage range. The output can accomodate LEDs with a
combined forward voltage of up to 11.5V, from a 12V input
supply. The LED drive current is programmed by using an
external resistor on the I
SET pin.
LED brightness can be linearly varied up to the programmed
LED current by applying a Pulse Width Modulated (PWM)
signal to the EN pin of the device. The LED output current of
the LM3590 is tightly controlled over temperature and volt-
age. LED Current matching is guaranteed due to the series
configuration of the LEDs. The series topology also simpli-
fies the connection between the White LEDs in the display
module and the LM3590 since only one connection is re-
quired.
The LM3590 typically draws only 50µA when operating in the
no-load condition and draws less than 0.1µA when the de-
vice is shut down.
The LM3590 is available in a small 5-pin SOT23 package.
Features
n
Drives up to 3 stacked white LEDs
n
6.0V-12.6V input voltage range
n
Up to 20mA LED output current
n
Excellent LED current matching guaranteed by series
configuration
n
Single connection to the White LEDs in the display
module
n
Tightly controlled programmable current source
n
Low shutdown current (0.1µA typ.)
n
PWM brightness control
n
Very small solution size
n
SOT23-5 package: 3mm x 3mm x 1.0mm (LxWxH)
Applications
n
White LED Display Backlights
n
Keypad Backlights
n
General purpose constant current driver for high
forward-voltage LEDs
Typical Application Circuit
20081301
20081305
November 2003
© 2003 National Semiconductor Corporation
DS200813
www.national.com


Similar Part No. - LM3590

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM359 NSC-LM359 Datasheet
742Kb / 24P
Dual, High Speed, Programmable, Current Mode Norton Amplifiers
logo
Texas Instruments
LM359 TI-LM359 Datasheet
1Mb / 34P
LM359 Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
LM359 TI1-LM359 Datasheet
1Mb / 34P
Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
logo
National Semiconductor ...
LM3595 NSC-LM3595 Datasheet
233Kb / 11P
The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
LM3595LD NSC-LM3595LD Datasheet
233Kb / 11P
The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
More results

Similar Description - LM3590

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11850L TOKO-TK11850L Datasheet
162Kb / 14P
WHITE LED DRIVER
logo
Supertex, Inc
HV9903 SUTEX-HV9903 Datasheet
326Kb / 12P
White LED Driver
logo
Nippon Precision Circui...
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
WHITE LED DRIVER
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_12 Datasheet
885Kb / 25P
White LED Driver
BD6074GUT ROHM-BD6074GUT_12 Datasheet
629Kb / 21P
White LED Driver
BD65B60GWL ROHM-BD65B60GWL Datasheet
795Kb / 51P
White LED Driver
logo
Shenzhen Huazhimei Semi...
HM2126 HMSEMI-HM2126 Datasheet
344Kb / 9P
White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com