Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9430 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9430 Datasheet HTML 10Page - Analog Devices AD9430 Datasheet HTML 11Page - Analog Devices AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices AD9430 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
AD9430
Rev. E | Page 13 of 44
PIN 1
AD9430
LVDS PINOUT
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26 27 28 29 30 31 32 33 34 35 36
37 38 39 40 41
42 43 44 45 46 47
48 49 50
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
S5
DNC
S4
AGND
S2
S1
LVDSBIAS
AVDD
AGND
SENSE
VREF
AGND
AGND
AVDD
AVDD
AGND
AGND
AVDD
AVDD
AGND
VIN+
VIN–
AGND
AVDD
AGND
NOTES
1. THE AD9430 HAS A CONDUCTIVE HEAT SLUG TO HELP DISSIPATE HEAT AND ENSURE RELIABLE OPERATION OF
THE DEVICE OVER THE FULL INDUSTRIAL TEMPERATURE RANGE. THE SLUG IS EXPOSED ON THE BOTTOM OF
THE PACKAGE AND ELECTRICALLY CONNECTED TO CHIP GROUND. IT IS RECOMMENDED THAT NO PCB SIGNAL
TRACES OR VIAS BE LOCATED UNDER THE PACKAGE THAT COULD COME IN CONTACT WITH THE CONDUCTIVE
SLUG. ATTACHING THE SLUG TO A GROUND PLANE WILL REDUCE THE JUNCTION TEMPERATURE OF THE
DEVICE WHICH MAY BE BENEFICIAL IN HIGH TEMPERATURE ENVIRONMENTS.
DRVDD
DRGND
D8+
D8–
D7+
D7–
D6+
D6–
DRGND
D5+
D5–
DCO+
DCO–
DRVDD
DRGND
D4+
D4–
D3+
D3–
D2+
D2Ð
DRVDD
DRGND
D1+
D1–
Figure 5. LVDS Mode Pin Configuration
Table 8. LVDS Mode Pin Function Descriptions
Pin Number
Mnemonic
Description
1
S5
Full-Scale Adjust Pin. AVDD sets fS = 0.768 V p-p differential,
GND sets fS = 1.536 V p-p differential.
2, 42 to 46
DNC
Do Not Connect.
3
S4
Control Pin for CMOS Mode. Tie low when operating in LVDS
mode.
4, 9, 12, 13, 16, 17, 20, 23, 25, 26, 30, 31, 35, 38, 41, 86, 87, 91,
92, 93, 96, 97, 100
AGND1
Analog Ground.
5
S2
Output Mode Select. GND = dual-port CMOS; AVDD = LVDS.
6
S1
Data Format Select. GND = binary, AVDD = twos complement.
7
LVDSBIAS
Set Pin for LVDS Output Current. Place 3.74 kW resistor
terminated to ground.
8, 14, 15, 18, 19, 24, 27, 28, 29, 33, 34, 39, 40, 88, 89, 90, 94, 95,
AVDD2
3.3 V Analog Supply.
98, 99
10
SENSE
Reference Mode Select Pin. Float for internal reference
operation.
11
VREF
1.235 V Reference I/O—Function Dependent on SENSE.
21
VIN+
Analog Input—True.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com