Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9430 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9430 Datasheet HTML 19Page - Analog Devices AD9430 Datasheet HTML 20Page - Analog Devices AD9430 Datasheet HTML 21Page - Analog Devices AD9430 Datasheet HTML 22Page - Analog Devices AD9430 Datasheet HTML 23Page - Analog Devices AD9430 Datasheet HTML 24Page - Analog Devices AD9430 Datasheet HTML 25Page - Analog Devices AD9430 Datasheet HTML 26Page - Analog Devices AD9430 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
AD9430
Rev. E | Page 22 of 44
TCPD (CLOCKOUT RISING)
TEMPERATURE (°C)
–40
100
60
20
40
–20
0
80
4.5
2.5
4.0
3.5
3.0
TPDF (DATA FALLING)
TPDR (DATA RISING)
Figure 48. Propagation Delay vs. Temperature,
CMOS Mode, 170 MSPS/210 MSPS
RSET (k
Ω)
01
10
6
21
900
0
700
500
300
800
600
400
200
100
1.4
0.5
1.2
1.0
0.8
1.3
1.1
0.9
0.7
0.6
VOS
VOD
8
4
4
2
Figure 49. LVDS Output Swing, Common-Mode Voltage vs. RSET,
Placed at LVDSBIAS, 170 MSPS/210 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com