Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9430 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9430 Datasheet HTML 30Page - Analog Devices AD9430 Datasheet HTML 31Page - Analog Devices AD9430 Datasheet HTML 32Page - Analog Devices AD9430 Datasheet HTML 33Page - Analog Devices AD9430 Datasheet HTML 34Page - Analog Devices AD9430 Datasheet HTML 35Page - Analog Devices AD9430 Datasheet HTML 36Page - Analog Devices AD9430 Datasheet HTML 37Page - Analog Devices AD9430 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
AD9430
Rev. E | Page 33 of 44
C68
0.01
μF
VCC
GND
PLACE R30 OR R31
(POWER DOWN)
E/D
1
NC
2
GND
3
VCC
OUTPUTB
OUTPUT
6
5
4
JN00158
U8
GND
R15
100
Ω
R38
100
Ω
GND
VCLK
VCLK
GND
R21
100
Ω
R22
100
Ω
VCLK
GND
R23
100
Ω
R24
100
Ω
P1
P2
+
C64
10
μF
C16
0.1
μF
C17
0.1
μF
C19
0.1
μF
C21
0.1
μF
C20
0.1
μF
C23
0.1
μF
C22
0.1
μF
C25
0.1
μF
C24
0.1
μF
C27
0.1
μF
C26
0.1
μF
C29
0.1
μF
C28
0.1
μF
C31
0.1
μF
C32
0.1
μF
C35
0.1
μF
VCC
GND
C38
0.1
μF
C69
0.01
μF
C70
0.01
μF
C71
0.01
μF
C72
0.01
μF
C73
0.01
μF
C74
0.01
μF
C75
0.01
μF
C76
0.01
μF
C77
0.01
μF
C78
0.01
μF
C79
0.01
μF
C80
0.01
μF
C81
0.01
μF
C82
0.01
μF
C83
0.01
μF
C84
0.01
μF
C67
10
μF
VDL
GND
C46
0.01
μF
C50
0.01
μF
C51
0.01
μF
C52
0.01
μF
C45
0.01
μF
C44
0.1
μF
C42
0.1
μF
C41
0.1
μF
C15
0.1
μF
C37
0.1
μF
C65
10
μF
DRVDD
GND
C62
0.1
μF
C60
0.1
μF
C59
0.1
μF
C58
0.1
μF
C53
0.01
μF
C54
0.01
μF
C55
0.01
μF
C56
0.01
μF
C57
0.01
μF
C66
10
μF
C14
0.01
μF
VCLK
GND
+
C63
10
μF
VREF
GND
+
C49
10
μF
C48
0.1
μF
VAMP
GND
+
VOCM
VPOS
OPHI
OPLO
COMM
PWDN
RGP1
INHI
INLO
RGP2
GND
GND
RGP1
VAMP
GND
RGP1
R12
25
Ω
R25
1.2k
Ω
R31
1k
Ω
R30
1k
Ω
R43
25
Ω
C11
0.1
μF
R29
0
Ω
GND
OPTIN
R37
25
Ω
VAMP
AMPINB
AMPIN
C39
0.1
μF
C40
0.1
μF
R47
25
Ω
R46
25
Ω
GND
GND
GND
INX
OPIN
OPINB
T3
ETC1-1-13
T2
ETC1-1-13
15
15
2
2
34
34
PR SEC
PR SEC
GND
VAMP
TO USE VF561C CRYSTAL
L1
X
L IS OPTIONAL
C18
0.1
μF
C30
0.1
μF
1
2
3
4
5
10
9
8
7
6
R26
1k
Ω
R28
1k
Ω
+
+
C61
0.1
μF
AD8351
U9
Figure 60. Evaluation Board Schematic—CMOS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com