Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4351CMS Datasheet(PDF) 10 Page - Linear Technology

Part # LT4351CMS
Description  MOSFET Diode-OR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4351CMS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT4351CMS Datasheet HTML 6Page - Linear Technology LT4351CMS Datasheet HTML 7Page - Linear Technology LT4351CMS Datasheet HTML 8Page - Linear Technology LT4351CMS Datasheet HTML 9Page - Linear Technology LT4351CMS Datasheet HTML 10Page - Linear Technology LT4351CMS Datasheet HTML 11Page - Linear Technology LT4351CMS Datasheet HTML 12Page - Linear Technology LT4351CMS Datasheet HTML 13Page - Linear Technology LT4351CMS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT4351
10
sn4351 4351fs
APPLICATIO S I FOR ATIO
In that case the resistor values are set by:
R
UV
I
R
V
UV
OV
V
UV
V
R
R
VUV
OV
UV
V
R
HYST
UVHYST
UV
FAULT
FAULT
OV
FAULT
UV
OV
FAULT
FAULT
FAULT
UV
3
23
13
=
=
=
()
–•
–
•
•
•–
•
Hysteresis helps prevent erratic behavior due to the noise
on VIN. Two of the most common noise sources are: VIN
dipping when the MOSFETs first turn on and draw down the
voltage on the VINcapacitors,andtheboostregulatorswitch
turning on and drawing current from the VIN capacitors.
Use low ESR capacitors for VIN and OUT filtering.
Note that because the UV pin uses current hysteresis,
placing a capacitor on UV to ground to filter noise will
reduce the effective hysteresis. Filtering can be achieved
by splitting the R2 resistor as shown in Figure 4.
To defeat undervoltage fault detection, the UV pin should
be tied higher than 0.33V. UV can be tied to VIN provided
VIN < 9V. Overvoltage fault detection can be defeated by
grounding the OV pin. Do not exceed VIN.
Boost Regulator
The boost regulator will start working as soon as VIN is
greater than 0.85V. The regulator will supply all the current
for the gate drive amplifier. While the amplifier itself
requires only about 3mA, larger current pulses are re-
quired when charging the MOSFET gate. The reservoir
capacitor on VDD will provide this current (Figure 6).
OVERVOLTAGE FILTERED FAULT
INPUT
REFERRED
OV
REFERRED
UV
REFERRED
VUV = 0.33V
VUV = 0.3V
VUV < 0.3V
VOV > 0.3V
VOV = 0.3V
4351 F05
OVFAULT
UVFAULT + UVHYST
UVFAULT
UNDERVOLTAGE HYSTERESIS
OVERVOLTAGE FAULT:
GATE LOW
UNDERVOLTAGE FAULT:
GATE LOW
GATE CONTROLLED
BY VIN – VOUT
Figure 5. Graphical Representation of the UV and OV Functions
Figure 6
L1
D1
D2
QSW
GND
SW
VDD
CDD
4351 F06
VIN
LT4351
External Shutdown
To externally turn off the MOSFETs, such as to disable the
supply, use an open-collector transistor pulling down on
the UV pin. Note this will not turn off the boost regulator
which will continue to operate.
The regulator performance is relatively insensitive to the
inductor value. The inductor value does control the fre-
quency of operation. A 4.7
µH inductor is recommended
for VIN voltages less than 10V and 10µH for VIN voltages
greater than 10V. Several inductors that work well with the
LT4351 are listed in Table 1. Many different sizes and
shapes are available. Consult each manufacturer for more
detailed information and for their entire selection of related
parts. The switching frequency for the boost regulator is
around 1MHz so ferrite core inductors should be used to
obtain the best efficiency. The inductor must handle a peak
current of 0.7A minimum and have a DC resistance of
0.5
Ω or less. Shielded inductors are recommended to
reduce the noise due to inductive switching.
Table 1. Recommended Inductors
MAX
IND
DCR
PART NUMBER
(
µH)
(m
Ω)
VENDOR
DS1608C-472
4.7
90
Coilcraft
DS1608C-103
10
160
(847) 639-6400
www.coilcraft.com
CDRH4D18-4R7
4.7
125
Sumida
CDRH4D28-100
10
95
(847) 956-0666
www.sumida.com
LMNP045B4R7N
4.7
50
Taiyo Yuden
LMNP045B100M
10
52
(408) 573-4150
www.t-yuden.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com