Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4351CMS Datasheet(PDF) 12 Page - Linear Technology

Part # LT4351CMS
Description  MOSFET Diode-OR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4351CMS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT4351CMS Datasheet HTML 8Page - Linear Technology LT4351CMS Datasheet HTML 9Page - Linear Technology LT4351CMS Datasheet HTML 10Page - Linear Technology LT4351CMS Datasheet HTML 11Page - Linear Technology LT4351CMS Datasheet HTML 12Page - Linear Technology LT4351CMS Datasheet HTML 13Page - Linear Technology LT4351CMS Datasheet HTML 14Page - Linear Technology LT4351CMS Datasheet HTML 15Page - Linear Technology LT4351CMS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT4351
12
sn4351 4351fs
As an example, for 500nH of inductance and RESR of about
100m
Ω, then:
C
nF
F
≥=
µ
4 500
01
200
2
•
.
Check vendor data for ESR and iterate to get the best
value. Additional CB capacitance may be required for load
concerns.
If the boost regulator is being used, place a 10
µF low ESR
ceramic capacitor from VIN to GND. Place a 10µF and a
0.1
µF ceramic capacitor close to VIN and GND. These
capacitors should have low ESR (less than 10m
Ω for the
10
µF and 40mΩ for the 0.1µF). These capacitors help to
eliminate problems associated with noise produced by the
boost regulator. They are decoupled from the VIN supply
by a small 1
Ω resistor as shown in Figure 8. The LT4351
will perform better with a small ceramic capacitor (10
µF)
on OUT to GND.
Back-to-back MOSFETs prevent the MOSFET body diode
from passing current.
Use a single MOSFET if current flow is allowable from
input to output when the input supply is above the output
(limited overvoltage protection). In this case the MOSFET
should have a source on the input side so the body diode
conducts current to the load. Back-to-back MOSFETs are
normally connected with their sources tied together to
provide added protection against exceeding maximum
gate to source voltage.
Selection of MOSFETs should be based on RDS(ON), BVDSS
and BVGSS. BVDSS should be high enough to prevent
breakdown when VIN or OUT are at their maximum value.
RDS(ON) should be selected to keep within the MOSFET
power rating at the maximum load current (I2 • RDS(ON))
BVGSS should be at least 8V. The LT4351 will clamp the
GATE to 7.5V above the lesser of VIN or OUT. For back-to-
back MOSFETs where sources are tied together, this
allows the use of MOSFETs with a VGS max rating of 8V or
more. If a single MOSFET is used, care must be taken to
ensure the VGS max rating is not exceeded. When the
MOSFET is turned off, the GATE voltage is near ground, the
source at VIN. Thus, MOSFET VGS max must be greater
than VIN(MAX).
If a single MOSFET is used with source to VIN, then BVGSS
should be greater than the maximum VINsince the MOSFET
gate is at 0.2V when off.
The gate drive amplifier will attempt to regulate the
voltage across the MOSFETs to 15mV. Regulation will be
achieved if:
R
mV
I
DS
LOAD
<
15
2•
for two MOSFETs and
R
mV
I
DS
LOAD
<
15
for a single MOSFET
This requires very low RDS values. This may be achieved
by paralleling MOSFETs, but be careful to keep intercon-
nection trace resistance low. In the event that regulation
cannot be achieved, the gate drive amplifier will drive
GATE to its clamp and achieve the best RDS possible at that
level.
APPLICATIO S I FOR ATIO
Figure 8. VIN Capacitors
External Boost Supply
The VDD pin may be powered by an external supply. In this
case, simply omit the boost regulator inductor and diode
and leave the SW pin open. Suitable VDD capacitance
(minimum of a 1
µF ceramic) should remain due to the cur-
rent pulses required for the gate driver.
The VDD current consists of 3.5mA of DC current with the
current required to charge the MOSFET’s gate which is de-
pendent on the gate charge required and frequency of
switching. Typically the average current will be under 10mA.
MOSFET Selection
The LT4351 uses either a single N-channel MOSFET or
back-to-back N-channel MOSFETs as the pass element.
VIN
1
Ω
CV3
10
µF
CV1
10
µF
CB
LIN
PARASITIC
CV2
0.1
µF
VIN
GATE
LT4351
4351 F08
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com