Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4351CMS Datasheet(PDF) 20 Page - Linear Technology

Part # LT4351CMS
Description  MOSFET Diode-OR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4351CMS Datasheet(HTML) 20 Page - Linear Technology

Back Button LT4351CMS Datasheet HTML 12Page - Linear Technology LT4351CMS Datasheet HTML 13Page - Linear Technology LT4351CMS Datasheet HTML 14Page - Linear Technology LT4351CMS Datasheet HTML 15Page - Linear Technology LT4351CMS Datasheet HTML 16Page - Linear Technology LT4351CMS Datasheet HTML 17Page - Linear Technology LT4351CMS Datasheet HTML 18Page - Linear Technology LT4351CMS Datasheet HTML 19Page - Linear Technology LT4351CMS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT4351
20
sn4351 4351fs
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 1203 1K • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1473
Dual PowerPath
TM Switch Driver
Switches and Isolates Sources Up to 30V
LTC4350
Hot Swappable Load Sharing Controller
Output Voltage 1.2V to 12V, Equal Load Sharing
LTC4412
Low Loss PowerPath Controller in ThinSOT
TM
P-Channel MOSFET, 3V to 28V Range
PowerPath and ThinSOT are trademarks of Linear Technology Corporation.
RELATED PARTS
TYPICAL APPLICATIO
GATE
OUT
VIN
UV
OV
1
µF
MBR0530
MBR0530
R1
1.07k
1%
10
µH
12.6V
BATTERY1
CHARGER
LT4351
SW
VDD
STATUS
5
FAULT
GND
Si4408DY
3
1
Ω
1
Ω
7
6
4
2
110
9
8
R2
40.1k
1%
0.1
µF
10
µF
100
µF
UVFAULT = 11.8V
10
µF
10k
5%
10k
5%
OUT
100k
5%
10
µF
+
GATE
OUT
VIN
UV
OV
1
µF
MBR0530
MBR0530
300k
5%
10
µH
1N914
12.6V
BATTERY2
CHARGER
LT4351
SW
VDD
STATUS
5
FAULT
GND
POWER IS SWITCHED TO BATTERY2 WHEN BATTERY1 DROPS TO 11.8V
Si4408DY
3
7
6
4
2
110
9
8
120k
5%
10
µF
0.1
µF
10
µF
10
µF
10k
4351TA04
OUT
100
µF
10k
LOAD
+
+
100
µF
+
Primary Battery with Secondary Battery Backup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com