Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3401G Datasheet(PDF) 49 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 49 Page - Micronas

Back Button MSP3401G Datasheet HTML 45Page - Micronas MSP3401G Datasheet HTML 46Page - Micronas MSP3401G Datasheet HTML 47Page - Micronas MSP3401G Datasheet HTML 48Page - Micronas MSP3401G Datasheet HTML 49Page - Micronas MSP3401G Datasheet HTML 50Page - Micronas MSP3401G Datasheet HTML 51Page - Micronas MSP3401G Datasheet HTML 52Page - Micronas MSP3401G Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
49
Fig. 4–4:
80-Pin Plastic Quad Flat Pack
(PQFP80)
Weight approximately 1.61 g
Dimensions in mm
Fig. 4–5:
64-Pin Plastic Low-Profile Quad Flat Pack
(PLQFP64)
Weight approximately 3.5 g
Dimensions in mm
0.8
41
64
24
1
65
80
40
25
0.1
3 ±0.2
SPGS705000-3(P80)/1E
23.2 0.15
±
20
0.1
±
23 x 0.8 = 18.4
0.1
±
0.17
0.04
±
1.3
0.05
±
2.7
0.1
±
10
0.1
±
1.75
49
64
116
17
32
33
48
D0025/3E
0.5
0.1
12
0.2
±
1.5
0.1
±
1.4
0.05
±
0.145
0.055
±
15 x 0.5 = 7.5
0.1
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com