Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3401G Datasheet(PDF) 63 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 63 Page - Micronas

Back Button MSP3401G Datasheet HTML 59Page - Micronas MSP3401G Datasheet HTML 60Page - Micronas MSP3401G Datasheet HTML 61Page - Micronas MSP3401G Datasheet HTML 62Page - Micronas MSP3401G Datasheet HTML 63Page - Micronas MSP3401G Datasheet HTML 64Page - Micronas MSP3401G Datasheet HTML 65Page - Micronas MSP3401G Datasheet HTML 66Page - Micronas MSP3401G Datasheet HTML 67Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
63
4.6.2. Recommended Operating Conditions (TA = 0 to 70 °C)
4.6.2.1. General Recommended Operating Conditions
4.6.2.2. Analog Input and Output Recommendations
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
VSUP1
First Supply Voltage
(AHVSUP = 8 V)
AHVSUP
7.6
8.0
8.7
V
First Supply Voltage
(AHVSUP = 5V)
4.75
5.0
5.25
V
VSUP2
Second Supply Voltage
DVSUP
4.75
5.0
5.25
V
VSUP3
Third Supply Voltage
AVSUP
4.75
5.0
5.25
V
tSTBYQ1
STANDBYQ Setup Time before
Turn-off of Second Supply Voltage
STANDBYQ,
DVSUP
1
µs
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
CAGNDC
AGNDC-Filter-Capacitor
AGNDC
−20%
3.3
µF
Ceramic Capacitor in Parallel
−20%
100
nF
CinSC
DC-Decoupling Capacitor in front of
SCART Inputs
SCn_IN_s1)
−20%
330
nF
VinSC
SCART Input Level
2.0
VRMS
VinMONO
Input Level, Mono Input
MONO_IN
2.0
VRMS
RLSC
SCART Load Resistance
SCn_OUT_s1)
10
k
Ω
CLSC
SCART Load Capacitance
6.0
nF
CVMA
Main/AUX Volume Capacitor
CAPL_M,
CAPL_A
10
µF
CFMA
Main/AUX Filter Capacitor
DACM_s,
DACA_s1)
−10%
1
+10%
nF
1) “n” means “1”, “2”, or “3”, “s” means “L” or “R”, “p” means “M” or “A”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com