Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3401G Datasheet(PDF) 91 Page - Micronas

Part # MSP3401G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3401G Datasheet(HTML) 91 Page - Micronas

Back Button MSP3401G Datasheet HTML 87Page - Micronas MSP3401G Datasheet HTML 88Page - Micronas MSP3401G Datasheet HTML 89Page - Micronas MSP3401G Datasheet HTML 90Page - Micronas MSP3401G Datasheet HTML 91Page - Micronas MSP3401G Datasheet HTML 92Page - Micronas MSP3401G Datasheet HTML 93Page - Micronas MSP3401G Datasheet HTML 94Page - Micronas MSP3401G Datasheet HTML 95Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
91
6.3.5. Register MODE_REG
Note: The use of this register is no longer recom-
mended. It should be used only in cases where soft-
ware compatibility to the MSP 34x0D is required.
Using the STANDARD SELECTION register together
with the MODUS register provides a more economic
way to program the MSP 34x1G.
As soon as this register is applied, the MSP 34x1G
works
in
the
MSP 34x0D
Manual/Compatibility
Mode. In this mode, BTSC, EIA-J, and FM-Radio are
disabled. Only MSP 34x0D features are available; the
use of MODUS and STATUS register is not allowed.
The MSP 34x1G is reset to the normal mode by first
programming the MODUS register, followed by trans-
mitting a valid standard code to the STANDARD
SELECTION register.
The register ‘MODE_REG’ contains the control bits
determining the operation mode of the MSP 34x1G in
the MSP 34x0D Manual/Compatibility Mode; Table 6–
12 explains all bit positions.
Table 6–11: AD_CV parameters for Constant Input Gain (AD_CV[7]=0)
Step
AD_CV [6:1]
Constant Gain
Gain
Input Level at pin ANA_IN1
+ and ANA_IN2+
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
000000
000001
000010
000011
000100
000101
000110
000111
001000
001001
001010
001011
001100
001101
001110
001111
010000
010001
010010
010011
010100
3.00 dB
3.85 dB
4.70 dB
5.55 dB
6.40 dB
7.25 dB
8.10 dB
8.95 dB
9.80 dB
10.65 dB
11.50 dB
12.35 dB
13.20 dB
14.05 dB
14.90 dB
15.75 dB
16.60 dB
17.45 dB
18.30 dB
19.15 dB
20.00 dB
maximum input level: 3 Vpp (FM) or 1 Vpp (NICAM)
1)
maximum input level: 0.14 Vpp
1) For signals above 1.4 V
pp, the minimum gain of 3 dB is switched and overflow of the A/D converter may result. Due to the
robustness of the internal processing, the IC works up to and even more than 3 Vpp, if norm conditions of FM/NICAM or
FM1/FM2 ratio are supposed. In this overflow case, a loss of FM-S/N ratio of about 10 dB may appear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com