Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2604 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2604
Description  Low Power Audio Codec
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2604 Datasheet(HTML) 5 Page - Analog Devices

  SSM2604 Datasheet HTML 1Page - Analog Devices SSM2604 Datasheet HTML 2Page - Analog Devices SSM2604 Datasheet HTML 3Page - Analog Devices SSM2604 Datasheet HTML 4Page - Analog Devices SSM2604 Datasheet HTML 5Page - Analog Devices SSM2604 Datasheet HTML 6Page - Analog Devices SSM2604 Datasheet HTML 7Page - Analog Devices SSM2604 Datasheet HTML 8Page - Analog Devices SSM2604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SSM2604
Data Sheet
Rev. A | Page 4 of 28
DIGITAL FILTER CHARACTERISTICS
Table 2.
Parameter
Min
Typ
Max
Unit
Conditions
ADC FILTER
Pass Band
0
0.445 fS
Hz
±0.04 dB
0.5 fS
Hz
−6 dB
Pass-Band Ripple
±0.04
dB
Stop Band
0.555 fS
Hz
Stop-Band Attenuation
−61
dB
f > 0.567 fS
High-Pass Filter Corner Frequency
3.7
Hz
−3 dB
10.4
Hz
−0.5 dB
21.6
Hz
−0.1 dB
DAC FILTER
Pass Band
0
0.445 fS
Hz
±0.04 dB
0.5 fS
Hz
−6 dB
Pass-Band Ripple
±0.04
dB
Stop Band
0.555 fS
Hz
Stop-Band Attenuation
−61
dB
f > 0.565 fS
CORE CLOCK TOLERANCE
Frequency Range
8.0
13.8
MHz
Jitter Tolerance
50
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com