Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2604 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2604
Description  Low Power Audio Codec
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2604 Datasheet(HTML) 1 Page - Analog Devices

  SSM2604 Datasheet HTML 1Page - Analog Devices SSM2604 Datasheet HTML 2Page - Analog Devices SSM2604 Datasheet HTML 3Page - Analog Devices SSM2604 Datasheet HTML 4Page - Analog Devices SSM2604 Datasheet HTML 5Page - Analog Devices SSM2604 Datasheet HTML 6Page - Analog Devices SSM2604 Datasheet HTML 7Page - Analog Devices SSM2604 Datasheet HTML 8Page - Analog Devices SSM2604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Low Power Audio Codec
Data Sheet
SSM2604
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Stereo, 24-bit analog-to-digital and digital-to-analog converters
DAC SNR: 100 dB (A-weighted), THD: −80 dB at 48 kHz, 3.3 V
ADC SNR: 90 dB (A-weighted), THD: −80 dB at 48 kHz, 3.3 V
Stereo line inputs
Low power
7 mW stereo playback (1.8 V/1.5 V supplies)
14 mW record and playback (1.8 V/1.5 V supplies)
Low supply voltages
Analog: 1.8 V to 3.6 V
Digital: 1.5 V to 3.6 V
256/384 oversampling rate in normal mode;
250/272 oversampling rate in USB mode
Audio sampling rates: 8 kHz, 11.025 kHz, 12 kHz, 16 kHz,
22.05 kHz, 24 kHz, 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz,
and 96 kHz
20-lead, 4 mm × 4 mm LFCSP (QFN) package
APPLICATIONS
Mobile phones
MP3 players
Portable gaming
Portable electronics
Educational toys
GENERAL DESCRIPTION
The SSM2604 is a low power, high quality stereo audio codec
for portable digital audio applications with one set of stereo
programmable gain amplifier (PGA) line inputs. It features two
24-bit analog-to-digital converter (ADC) channels and two
24-bit digital-to-analog (DAC) converter channels.
The SSM2604 can operate as a master or a slave. It supports
various master clock frequencies, including 12 MHz or 24 MHz
for USB devices; standard 256 fS or 384 fS based rates, such as
12.288 MHz and 24.576 MHz; and many common audio sam-
pling rates, such as 96 kHz, 88.2 kHz, 48 kHz, 44.1 kHz, 32 kHz,
24 kHz, 22.05 kHz, 16 kHz, 12 kHz, 11.025 kHz, and 8 kHz.
The SSM2604 can operate at power supplies as low as 1.8 V for
the analog circuitry and as low as 1.5 V for the digital circuitry.
The maximum voltage supply is 3.6 V for all supplies.
The SSM2604 is specified over the industrial temperature range
of −40°C to +85°C. It is available in a 20-lead, 4 mm × 4 mm
lead frame chip scale package (LFCSP).
FUNCTIONAL BLOCK DIAGRAM
AVDD
VMID
AGND
DVDD DGND
ROUT
DIGITAL
PROCESSOR
RLINEIN
ADC
LLINEIN
ADC
DAC
DAC
LOUT
BYPASS
BYPASS
CLK
MCLK/
XTI
XTO CLKOUT
CONTROL INTERFACE
SDIN
SCLK
DIGITAL AUDIO INTERFACE
PBDAT RECDAT BCLK PBLRC RECLRC
–34.5dB TO +33dB,
1.5dB STEP
–34.5dB TO +33dB,
1.5dB STEP
SSM2604
Figure 1.


Similar Part No. - SSM2604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
Low Power Audio Codec
REV. 0
SSM2604 AD-SSM2604 Datasheet
439Kb / 28P
Low Power Audio Codec
8/2018-Rev. A to Rev. B
SSM2604-EVALZ AD-SSM2604-EVALZ Datasheet
490Kb / 28P
Low Power Audio Codec
REV. 0
SSM2604-EVALZ AD-SSM2604-EVALZ Datasheet
439Kb / 28P
Low Power Audio Codec
8/2018-Rev. A to Rev. B
SSM2604CPZ-R2 AD-SSM2604CPZ-R2 Datasheet
490Kb / 28P
Low Power Audio Codec
REV. 0
More results

Similar Description - SSM2604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE3006 ETC-XE3006 Datasheet
465Kb / 32P
Low-Power Audio CODEC
logo
Analog Devices
SSM2602 AD-SSM2602 Datasheet
611Kb / 28P
Low Power Audio Codec
Sep-2007
SSM2602 AD-SSM2602_08 Datasheet
659Kb / 32P
Low Power Audio Codec
REV. 0
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
Low Power Audio Codec
REV. 0
SSM2603 AD-SSM2603_17 Datasheet
585Kb / 33P
Low Power Audio Codec
Rev. C
SSM2603 AD-SSM2603_18 Datasheet
504Kb / 31P
Low Power Audio Codec
7/2018-Rev. C to Rev. D
SSM2604 AD-SSM2604_18 Datasheet
439Kb / 28P
Low Power Audio Codec
8/2018-Rev. A to Rev. B
logo
Suzhou Everest Semicond...
ES8316 EVEREST-ES8316 Datasheet
693Kb / 12P
Low Power Audio CODEC
ES8388S EVEREST-ES8388S Datasheet
855Kb / 29P
Low Power Audio CODEC
ES8323S EVEREST-ES8323S Datasheet
857Kb / 28P
Low Power Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com