Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2604 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2604
Description  Low Power Audio Codec
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2604 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2604 Datasheet HTML 5Page - Analog Devices SSM2604 Datasheet HTML 6Page - Analog Devices SSM2604 Datasheet HTML 7Page - Analog Devices SSM2604 Datasheet HTML 8Page - Analog Devices SSM2604 Datasheet HTML 9Page - Analog Devices SSM2604 Datasheet HTML 10Page - Analog Devices SSM2604 Datasheet HTML 11Page - Analog Devices SSM2604 Datasheet HTML 12Page - Analog Devices SSM2604 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SSM2604
Data Sheet
Rev. A | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
MCLK/XTI
2
XTO
3
DGND
4
DVDD
5
CLKOUT
13 AVDD
14 AGND
15 VMID
12 ROUT
11 LOUT
TOP VIEW
(Not to Scale)
SSM2604
NOTES
1. NC = NO CONNECT.
2. FOR PROPER CONNECTION OF THE EXPOSED PAD,
CONNECT TO PCB GROUND LAYER
Figure 6. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
MCLK/XTI
Digital Input
Master Clock Input/Crystal Input.
2
XTO
Digital Output
Crystal Output.
3
DGND
Digital Ground
Digital Ground.
4
DVDD
Digital Supply
Digital Core and I/O Buffer Supply.
5
CLKOUT
Digital Output
Buffered Clock Output.
6
BCLK
Digital Input/Output
Digital Audio Bit Clock.
7
PBDAT
Digital Input
DAC Digital Audio Data Input, Playback Function.
8
PBLRC
Digital Input/Output
DAC Sampling Rate Clock, Playback Function (from Left and Right Channels).
9
RECDAT
Digital Output
ADC Digital Audio Data Output, Record Function.
10
RECLRC
Digital Input/Output
ADC Sampling Rate Clock, Record Function (from Left and Right Channels).
11
LOUT
Analog Output
Line Output for Left Channel.
12
ROUT
Analog Output
Line Output for Right Channel.
13
AVDD
Analog Supply
Analog Supply.
14
AGND
Analog Ground
Analog Ground.
15
VMID
Analog Output
Midrail Voltage Decoupling Input.
16
RLINEIN
Analog Input
Line Input for Right Channel.
17
LLINEIN
Analog Input
Line Input for Left Channel.
18
SDIN
Digital Input/Output
2-Wire Control Interface Data Input/Output.
19
SCLK
Digital Input
2-Wire Control Interface Clock Input.
20
NC
NC
No Connection
GND Pad
Thermal Pad/Exposed Pad
Center Thermal Pad. Connect to PCB ground layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com