Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4962/A Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4962/A
Description  1.5A POWER SWITCHING REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4962/A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4962/A Datasheet HTML 7Page - STMicroelectronics L4962/A Datasheet HTML 8Page - STMicroelectronics L4962/A Datasheet HTML 9Page - STMicroelectronics L4962/A Datasheet HTML 10Page - STMicroelectronics L4962/A Datasheet HTML 11Page - STMicroelectronics L4962/A Datasheet HTML 12Page - STMicroelectronics L4962/A Datasheet HTML 13Page - STMicroelectronics L4962/A Datasheet HTML 14Page - STMicroelectronics L4962/A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
APPLICATION INFORMATION (continued)
Figure 29. DC-DC converter 5.1V/4A,
± 12V/1A. A suggestion how to synchronize a negative output
L1, L3 = COGEMA 946043 (969051)
L2 = COGEMA 946044 (946045)
Figure 30. In multiple supplies several
L4962s can be synchronized as shown
Figure 31. Preregulator for distributed supplies
* L2 and C2 are necessary to reduce the switching frequency spikes
when linear regulators are remote from L4962
11/15
L4962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15