Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4962/A Datasheet(PDF) 14 Page - STMicroelectronics

Part # L4962/A
Description  1.5A POWER SWITCHING REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4962/A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L4962/A Datasheet HTML 7Page - STMicroelectronics L4962/A Datasheet HTML 8Page - STMicroelectronics L4962/A Datasheet HTML 9Page - STMicroelectronics L4962/A Datasheet HTML 10Page - STMicroelectronics L4962/A Datasheet HTML 11Page - STMicroelectronics L4962/A Datasheet HTML 12Page - STMicroelectronics L4962/A Datasheet HTML 13Page - STMicroelectronics L4962/A Datasheet HTML 14Page - STMicroelectronics L4962/A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14/15
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.8
0.189
C
1.37
0.054
D
2.4
2.8
0.094
0.110
D1
1.2
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
F
0.6
0.8
0.024
0.031
F1
0.9
0.035
G
2.41
2.54
2.67
0.095
0.100
0.105
G1
4.91
5.08
5.21
0.193
0.200
0.205
G2
7.49
7.62
7.8
0.295
0.300
0.307
H2
10.4
0.409
H3
10.05
10.4
0.396
0.409
L
16.97
0.668
L1
14.92
0.587
L2
21.54
0.848
L3
22.62
0.891
L5
2.6
3
0.102
0.118
L6
15.1
15.8
0.594
0.622
L7
6
6.6
0.236
0.260
M
2.8
0.110
M1
5.08
0.200
Dia
3.65
3.85
0.144
0.152
HEPTAWATT PACKAGE MECHANICAL DATA
L4962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15