Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4962/A Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4962/A
Description  1.5A POWER SWITCHING REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4962/A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4962/A Datasheet HTML 7Page - STMicroelectronics L4962/A Datasheet HTML 8Page - STMicroelectronics L4962/A Datasheet HTML 9Page - STMicroelectronics L4962/A Datasheet HTML 10Page - STMicroelectronics L4962/A Datasheet HTML 11Page - STMicroelectronics L4962/A Datasheet HTML 12Page - STMicroelectronics L4962/A Datasheet HTML 13Page - STMicroelectronics L4962/A Datasheet HTML 14Page - STMicroelectronics L4962/A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12/15
MOUNTING INSTRUCTION
The Rth-j-amb of the L4962 can be reduced by
soldering the GND pins to a suitable copper area of
the printed circuit board (Fig. 32).
The diagram of figure 33 shows the Rth-j-amb as a
function of the side ”l” of two equal square copper
areas having the thickness of 35
µ (1.4 mils). During
soldering the pins temperature must not exceed
260
°C and the soldering time must not be longer
than 12 seconds.
The external heatsink or printed circuit copper are
must be connected to electrical ground.
Figure 32. Example of P.C. board copper area which is used
as heatsink
Figure 33. Maximum dissipable
power and junction to ambient
thermal resistance vs. side ”l”
L4962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15