Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB564 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 13Page - Texas Instruments TUSB564 Datasheet HTML 14Page - Texas Instruments TUSB564 Datasheet HTML 15Page - Texas Instruments TUSB564 Datasheet HTML 16Page - Texas Instruments TUSB564 Datasheet HTML 17Page - Texas Instruments TUSB564 Datasheet HTML 18Page - Texas Instruments TUSB564 Datasheet HTML 19Page - Texas Instruments TUSB564 Datasheet HTML 20Page - Texas Instruments TUSB564 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
17
TUSB564
www.ti.com
SLLSF29A – OCTOBER 2017 – REVISED OCTOBER 2017
Product Folder Links: TUSB564
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 USB 3.1
The TUSB564 supports USB 3.1 Gen 1 datarates up to 5 Gbps. The TUSB564 supports all the USB defined
power states (U0, U1, U2, and U3). Because the TUSB564 is a linear redriver, it can’t decode USB3.1 physical
layer traffic. The TUSB564 monitors the actual physical layer conditions like receiver termination, electrical idle,
LFPS, and SuperSpeed signaling rate to determine the USB power state of the USB 3.1 interface.
The TUSB564 features an intelligent low frequency periodic signaling (LFPS) detector. The LFPS detector
automatically senses the low frequency signals and disables receiver equalization functionality. When not
receiving LFPS, the TUSB564 enables receiver equalization based on the EQ[1:0] and SSEQ[1:0] pins or values
programmed into EQ1_SEL, EQ2_SEL, and SSEQ_SEL registers.
8.3.2 DisplayPort
The TUSB564 supports up to 4 DisplayPort lanes at datarates up to 8.1Gbps (HBR3). The TUSB564, when
configured in DisplayPort mode, monitors the native AUX traffic as it traverses between DisplayPort source and
DisplayPort sink. For the purposes of reducing power, the TUSB564 manages the number of active DisplayPort
lanes based on the content of the AUX transactions. The TUSB564 snoops native AUX writes to DisplayPort
sink’s
DPCD
registers
0x00101
(LANE_COUNT_SET)
and
0x00600
(SET_POWER_STATE).
TUSB564disables/enables lanes based on value written to LANE_COUNT_SET. The TUSB564 disables all lanes
when SET_POWER_STATE is in the D3. Otherwise active lanes will be based on value of LANE_COUNT_SET.
DisplayPort AUX snooping is enabled by default but can be disabled by changing the AUX_SNOOP_DISABLE
register. Once AUX snoop is disabled, management of TUSB564 DisplayPort lanes are controlled through
various configuration registers.
NOTE
AUX snooping feature is only supported when TUSB564 is configured for I2C mode.
When TUSB564 is configured for GPIO mode, the AUX snoop feature is disabled and all
four DP lanes are enabled if HPDIN is asserted high.
8.3.3 4-level Inputs
The TUSB564 has (I2C_EN, EQ[1:0], DPEQ[1:0], and SSEQ[1:0]) 4-level inputs pins that are used to control the
equalization gain and place TUSB564 into different modes of operation. These 4-level inputs utilize a resistor
divider to help set the 4 valid levels and provide a wider range of control settings. There is an internal 35 k
Ω pull-
up and a 95 k
Ω pull-down. These resistors, together with the external resistor connection combine to achieve the
desired voltage level.
Table 1. 4-Level Control Pin Settings
LEVEL
SETTINGS
0
Option 1: Tie 1 K
Ω 5% to GND.
Option 2: Tie directly to GND.
R
Tie 20 K
Ω 5% to GND.
F
Float (leave pin open)
1
Option 1: Tie 1 K
Ω 5%to VCC.
Option 2: Tie directly to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com