Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB564 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 14Page - Texas Instruments TUSB564 Datasheet HTML 15Page - Texas Instruments TUSB564 Datasheet HTML 16Page - Texas Instruments TUSB564 Datasheet HTML 17Page - Texas Instruments TUSB564 Datasheet HTML 18Page - Texas Instruments TUSB564 Datasheet HTML 19Page - Texas Instruments TUSB564 Datasheet HTML 20Page - Texas Instruments TUSB564 Datasheet HTML 21Page - Texas Instruments TUSB564 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
18
TUSB564
SLLSF29A – OCTOBER 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TUSB564
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
NOTE
All four-level inputs are latched on rising edge of internal reset. After tcfg_hd, the internal
pull-up and pull-down resistors will be isolated in order to save power.
8.3.4 Receiver Linear Equalization
The purpose of receiver equalization is to compensate for channel insertion loss and the resulting inter-symbol
interference in the system before the input or after the output of the TUSB564. The receiver overcomes these
losses by attenuating the low frequency components of the signals with respect to the high frequency
components. The proper gain setting should be selected to match the channel insertion loss. Two 4-level input
pins enable up to 16 possible equalization settings. USB3.1 upstream path, USB3.1 downstream path, and
DisplayPort each have their own two 4-level inputs. The TUSB564 also provides the flexibility of adjusting
settings through I2C registers.
8.4 Device Functional Modes
8.4.1 Device Configuration in GPIO Mode
The TUSB564 is in GPIO configuration when I2C_EN = “0”. The TUSB564 supports the following configurations:
USB 3.1 only, 2 DisplayPort lanes + USB 3.1, or 4 DisplayPort lanes (no USB 3.1). The CTL1 pin controls
whether DisplayPort is enabled. The combination of CTL1 and CTL0 selects between USB 3.1 only, 2 lanes of
DisplayPort, or 4-lanes of DisplayPort as detailed in Table 2. The AUXp or AUXn to SBU1 or SBU2 mapping is
controlled based on Table 3.
After power-up (VCC from 0 V to 3.3 V), the TUSB564 defaults to USB3.1 mode. The USB PD controller upon
detecting no device attached to Type-C port or USB3.1 operation not required by attached device must take
TUSB564 out of USB3.1 mode by transitioning the CTL0 pin from L to H and back to L.
Table 2. GPIO Configuration Control
CTL1 PIN
CTL0 PIN
FLIP PIN
CONFIGURATION
VESA DisplayPort ALT MODE
UFP_D CONFIGURATION
L
L
L
Power Down
—
L
L
H
Power Down
—
L
H
L
One Port USB 3.1 - No Flip
—
L
H
H
One Port USB 3.1 – With Flip
—
H
L
L
4 Lane DP - No Flip
C
H
L
H
4 Lane DP – With Flip
C
H
H
L
One Port USB 3.1 + 2 Lane DP- No Flip
D
H
H
H
One Port USB 3.1 + 2 Lane DP– With Flip
D
Table 3. GPIO AUXp or AUXn to SBU1 or SBU2 Mapping
CTL1 PIN
FLIP PIN
MAPPING
H
L
SBU1
→ AUXn
SBU2
→ AUXp
H
H
SBU2
→ AUXn
SBU1
→ AUXp
L > 2 ms
X
Open
Table 4 details the TUSB564 mux routing. This table is valid for both I2C and GPIO configuration modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com