Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC838UG Datasheet(PDF) 9 Page - Vitesse Semiconductor Corporation

Part # VSC838UG
Description  3.2Gb/s 36x37 Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC838UG Datasheet(HTML) 9 Page - Vitesse Semiconductor Corporation

Back Button VSC838UG Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC838UG Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC838UG Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC838UG Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC838UG Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC838UG Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC838UG Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC838UG Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC838UG Datasheet HTML 13Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC838
3.2Gb/s
36x37 Crosspoint Switch
G52351-0, Rev 3.0
Page 9
02/12/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
I/O Equivalent Circuits
Input Termination
The high-speed inputs of the VSC838 are internally terminated by a 100
Ω impedance between true and
complement inputs. Termination resistors are isolated from each other on-chip. The termination will self-bias to
+2.0V (nominal) for AC-coupled applications. The ITC pin enables direct interconnection of multiple VSC838
devices. With ITC tied to VCC, the center point of the 100Ω termination impedance is tied to VCC, causing the
terminations to act as loads for an open-drain or open-collector differential output.
Table 7: Allowed Input Termination Schemes
Some allowed termination schemes result in additional ICC current and power dissipation on-chip. See
Table 8.
Table 8: Additional Current and Power
Type
Description
Comments
1
AC-coupled input
Tie ITC LOW, 100
Ω differential input termination,
input self-biased
2
DC-coupled from open-drain CML
Tie ITC HIGH, terminations acts as 50
Ω load to V
CC
3
DC-coupled from back-terminated 2.5V CML
Tie ITC HIGH, terminations acts as 50
Ω load to V
CC
4
DC-coupled from back-terminated 2.5V CML
Tie ITC LOW, 100
Ω differential termination
(preferred over Type 3)
5
DC-coupled from back-terminated 3.3V LV-PECL
Tie ITC LOW, 100
Ω differential termination
Parameter
Description
Min
Typ
Max
Units
Conditions
ICC-C
Additional ICC current when receiving DC-
Coupled CML (ITC = HIGH)
180
mA
PCC-C
Additional power dissipated on-chip for
DC terminating CML at inputs
0.180
W
PAD
PAD
50
50
H/S Input Equivalent Circuit
H/S Output Equivalent Circuit
PAD
PAD
50
50
VCC
ITC
TERM_CTRL
DRIVE_CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com