Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5252EVAL Datasheet(PDF) 12 Page - Analog Devices

Part # AD5252EVAL
Description  Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5252EVAL Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5252EVAL Datasheet HTML 8Page - Analog Devices AD5252EVAL Datasheet HTML 9Page - Analog Devices AD5252EVAL Datasheet HTML 10Page - Analog Devices AD5252EVAL Datasheet HTML 11Page - Analog Devices AD5252EVAL Datasheet HTML 12Page - Analog Devices AD5252EVAL Datasheet HTML 13Page - Analog Devices AD5252EVAL Datasheet HTML 14Page - Analog Devices AD5252EVAL Datasheet HTML 15Page - Analog Devices AD5252EVAL Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD5251/AD5252
Rev. 0 | Page 12 of 28
Table 7. Addresses for Writing (Storing) RDAC Settings and
User-Defined Data to EEMEM Registers (R/W = 0,
CMD/REG = 0, EE/RDAC = 1)
A4
A3
A2
A1
A0
Data Byte Description
0
0
0
0
0
Reserved
0
0
0
0
1
Store RDAC1 setting to
EEMEM11
0
0
0
1
0
Reserved
0
0
0
1
1
Store RDAC3 setting to
EEMEM31
0
0
1
0
0
Store user data to EEMEM4
0
0
1
0
1
Store user data to EEMEM5
0
0
1
1
0
Store user data to EEMEM6
0
0
1
1
1
Store user data to EEMEM7
0
1
0
0
0
Store user data to EEMEM8
0
1
0
0
1
Store user data to EEMEM9
0
1
0
1
0
Store user data to EEMEM10
0
1
0
1
1
Store user data to EEMEM11
0
1
1
0
0
Store user data to EEMEM12
0
1
1
0
1
Store user data to EEMEM13
0
1
1
1
0
Store user data to EEMEM14
0
1
1
1
1
Store user data to EEMEM15
1 User can store any of the 64 RDAC settings for AD5251 or any of the 256
RDAC settings for AD5252.
RDAC/EEMEM Read
The AD5251/AD5252 provide two different RDAC or EEMEM
read operations. For example, Figure 9 shows the method of
reading the RDAC0 to RDAC3 contents without specifying the
address, assuming Address RDAC0 was already selected from
the previous operation. If RDAC_N, other than Address 0, is
selected previously, readback starts with Address N, followed by
N + 1, and so on.
Figure 10 illustrates a random RDAC or EEMEM read
operation. This operation lets users specify which RDAC or
EEMEM register is read by first issuing a dummy write
command to change the RDAC address pointer, and then
proceeding with the RDAC read operation at the new address
location.
Table 8. Addresses for Reading (Restoring) RDAC Settings
and User Data from EEMEM (R/W = 1, CMD/REG = 0,
EE/RDAC = 1)
A4
A3
A2
A1
A0
Data Byte Description
0
0
0
0
0
Reserved
0
0
0
0
1
Read RDAC1 Setting from
EEMEM1
0
0
0
1
0
Reserved
0
0
0
1
1
Read RDAC3 Setting from
EEMEM3
0
0
1
0
0
Read user data from EEMEM4
0
0
1
0
1
Read user data from EEMEM5
0
0
1
1
0
Read user data from EEMEM6
0
0
1
1
1
Read user data from EEMEM7
0
1
0
0
0
Read user data from EEMEM8
0
1
0
0
1
Read user data from EEMEM9
0
1
0
1
0
Read user data from EEMEM10
0
1
0
1
1
Read user data from EEMEM11
0
1
1
0
0
Read user data from EEMEM12
0
1
1
0
1
Read user data from EEMEM13
0
1
1
1
0
Read user data from EEMEM14
0
1
1
1
1
Read user data from EEMEM15
1 READ
S
0
1
0
1
1
A
D
1
A
D
0
1
A
P
A
RDAC1
EEMEM OR REGISTER DATA
RDAC3
EEMEM OR REGISTER DATA
RDAC SLAVE ADDRESS
(N BYTES + ACKNOWLEDGE)
A
Figure 9. RDAC Current Read (Restricted to Previously Selected Address Stored in the Register).
P
S
SLAVE ADDRESS
0 WRITE
SLAVE ADDRESS
INSTRUCTION AND
ADDRESS
A
1
S
REPEATED START
1 READ
A
0A
(N BYTES + ACKNOWLEDGE)
RDAC OR
EEMEM DATA
A/A
Figure 10. RDAC or EEMEM Random Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com