Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5252EVAL Datasheet(PDF) 25 Page - Analog Devices

Part # AD5252EVAL
Description  Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5252EVAL Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5252EVAL Datasheet HTML 20Page - Analog Devices AD5252EVAL Datasheet HTML 21Page - Analog Devices AD5252EVAL Datasheet HTML 22Page - Analog Devices AD5252EVAL Datasheet HTML 23Page - Analog Devices AD5252EVAL Datasheet HTML 24Page - Analog Devices AD5252EVAL Datasheet HTML 25Page - Analog Devices AD5252EVAL Datasheet HTML 26Page - Analog Devices AD5252EVAL Datasheet HTML 27Page - Analog Devices AD5252EVAL Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD5251/AD5252
Rev.0 | Page 25 of 28
OUTLINE DIMENSIONS
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65
BSC
SEATING
PLANE
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
8°
0°
0.75
0.60
0.45
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153AB-1
Figure 47. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Step
RAB (kΩ)
Temperature
Range (°C)
Package Description
Package
Option
Full Container
Quantity
Branding1
AD5251BRU1
64
1
−40 to +85
TSSOP
RU-14
96
B1
AD5251BRU1-RL7
64
1
−40 to +85
TSSOP
RU-14
1,000
B1
AD5251BRU10
64
10
−40 to +85
TSSOP
RU-14
96
B10
AD5251BRU10-RL7
64
10
−40 to +85
TSSOP
RU-14
1,000
B10
AD5251BRU50
64
50
−40 to +85
TSSOP
RU-14
96
B50
AD5251BRU50-RL7
64
50
−40 to +85
TSSOP
RU-14
1,000
B50
AD5251BRU100
64
100
−40 to +85
TSSOP
RU-14
96
B100
AD5251BRU100-RL7
64
100
−40 to +85
TSSOP
RU-14
1,000
B100
AD5251EVAL
64
10
Evaluation Board
1
AD5252BRU1
256
1
−40 to +85
TSSOP
RU-14
96
B1
AD5252BRU1-RL7
256
1
−40 to +85
TSSOP
RU-14
1,000
B1
AD5252BRU10
256
10
−40 to +85
TSSOP
RU-14
96
B10
AD5252BRU10-RL7
256
10
−40 to +85
TSSOP
RU-14
1,000
B10
AD5252BRU50
256
50
−40 to +85
TSSOP
RU-14
96
B50
AD5252BRU50-RL7
256
50
−40 to +85
TSSOP
RU-14
1,000
B50
AD5252BRU100
256
100
−40 to +85
TSSOP
RU-14
96
B100
AD5252BRU100-RL7
256
100
−40 to +85
TSSOP
RU-14
1,000
B100
AD5252EVAL
256
10
Evaluation Board
1
1 In the package marking, Line 1 shows the part number; Line 2 shows the branding information, such that B1 = 1 kΩ, B10 = 10 kΩ, B50 = 50 kΩ, and B100 = 100 kΩ;
Line 3 shows the date code in YYWW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com