Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5252EVAL Datasheet(PDF) 14 Page - Analog Devices

Part # AD5252EVAL
Description  Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5252EVAL Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5252EVAL Datasheet HTML 10Page - Analog Devices AD5252EVAL Datasheet HTML 11Page - Analog Devices AD5252EVAL Datasheet HTML 12Page - Analog Devices AD5252EVAL Datasheet HTML 13Page - Analog Devices AD5252EVAL Datasheet HTML 14Page - Analog Devices AD5252EVAL Datasheet HTML 15Page - Analog Devices AD5252EVAL Datasheet HTML 16Page - Analog Devices AD5252EVAL Datasheet HTML 17Page - Analog Devices AD5252EVAL Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD5251/AD5252
Rev. 0 | Page 14 of 28
AA
D7
D6
D5
D4
D3
D2
D1
D0
SIGN
SIGN
7 BITS FOR INTEGER NUMBER
26
25
24
23
22
21
20
A
D7
D6
D5
D4
D3
D2
D1
D0
8 BITS FOR DECIMAL NUMBER
2–8
2–1
2–2
2–3
2–4
2–5
2–6
2–7
Figure 12. Format of Stored Tolerance in Sign Magnitude Format with Bit Position Descriptions. (Unit is percent. Only data bytes are shown.)
RAB Tolerance Stored in Read-Only Memory
The AD5251/AD5252 feature patented RAB tolerances storage in
the nonvolatile memory. The tolerance of each channel is stored
in the memory during the factory production and can be read
by users at any time. The knowledge of stored tolerance, which
is the average of RAB over all codes (see Figure 28), allows users
to predict RAB accurately. This feature is valuable for precision,
rheostat mode, and open-loop applications where knowledge of
absolute resistance is critical.
The stored tolerances reside in the read-only memory, and are
expressed as a percentage. The tolerance is stored in two
memory locations (see Table 10). The data format of the
tolerance is in sign magnitude binary form. An example is
shown in Figure 11. In the first memory location, the MSB is
designated for the sign (0 = + and 1= –) and the 7 LSBs are
designated for the integer portion of the tolerance. In the
second memory location, all eight data bits are designated for
the decimal portion of tolerance. As shown in Table 10 and
Figure 12 for example, if the rated RAB = 10 kΩ and the data
readback from Address 11000 shows 0001 1100 and Address
11001 shows 0000 1111, then RDAC0 tolerance can be
calculated as
MSB: 0 = +
Next 7 MSB: 001 1100 = 28
8 LSB: 0000 1111 = 15 × 2–8 = 0.06
Tolerance = +28.06% and therefore
RAB_ACTUAL = 12.806 kΩ
EEMEM Write-Acknowledge Polling
After each write operation to the EEMEM registers, an internal
write cycle begins. The I2C interface of the device is disabled. To
determine if the internal write cycle is complete and the I2C
interface is enabled, interface polling can be executed. I2C
interface polling can be conducted by sending a start condition
followed by the slave address + the write bit. If the I2C interface
responds with an ACK, the write cycle is complete and the
interface is ready to proceed with further operations. Other-
wise, I2C interface polling can be repeated until it succeeds.
Commands 2 and 7 also require acknowledge polling.
EEMEM Write Protection
Setting the WP pin to a logic LOW after EEMEM programming
protects the memory and RDAC registers from future write
operations. In this mode, the EEMEM and RDAC read
operations operate as normal. When write protection is
enabled, Command 1 (Restore from EEMEM to RDAC) and
Command 7 (Reset) function normally to allow RDAC settings
to be refreshed from the EEMEM to the RDAC registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com