Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS62180 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 14Page - Cirrus Logic CS62180 Datasheet HTML 15Page - Cirrus Logic CS62180 Datasheet HTML 16Page - Cirrus Logic CS62180 Datasheet HTML 17Page - Cirrus Logic CS62180 Datasheet HTML 18Page - Cirrus Logic CS62180 Datasheet HTML 19Page - Cirrus Logic CS62180 Datasheet HTML 20Page - Cirrus Logic CS62180 Datasheet HTML 21Page - Cirrus Logic CS62180 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Transmit Transparent Registers (TTR)
The Transmit Transparent Registers allow indi-
vidual DS0 channels to be programmed clear,
disabling robbed bit signaling and B7 zero sup-
pression for that channel (if selected, B8ZS is
unaffected by transparent channels). There are 3
TTR registers: TTR1, TTR2, and TTR3. Each bit
in the TTR registers corresponds to a DS0 chan-
nel: TTR1.0 = channel 1, TTR1.7 = channel 8,
TTR2.7 = channel 16, etc. A channel is pro-
gra mmed cl ear b y sett ing the bit whic h
corresponds to that channel in the appropriate
TTR register. See Figure 11.
Transmit Idle Registers (TIR)
By setting the appropriate bits in the Transmit
Idle Registers, individual DS0 channels can be
replaced with the idle code selected via TCR.3
(see above). If the idle channel is not also pro-
grammed clear (via TTR1 - TTR3), the code
may be corrupted during signaling frames if
robbed bit signaling is enabled (TCR.4 = 1).
There are 3 TIR registers: TIR1, TIR2, and
TIR3. Each bit in the TIR registers corresponds
to a DS0 channel: TIR1.0 = channel 1, TIR1.7 =
channel 8, TIR2.7 = channel 16, etc. A channel
is programmed idle by setting the bit which cor-
responds to that channel in the appropriate TIR
register. See Figure 12.
Transmission Insertion Hierarchy
Figures 13a - 13c give an overview of the deci-
sion hierarchy which determines the final
composition of the output stream. It shows the
various control options as inputs into decision
branches of the flow chart, and the order in
which the various optional signals are muxed
into the final data stream.
7
(MSB)
6
543210
(LSB)
TIR1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TIR2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TIR3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
"0" = Normal
"1" = Corresponding DS0 Channel is Replaced with Idle Code. (See TCR.3)
Figure 12. Transmit Idle Registers (TIR1 - TIR3)
7
(MSB)
6
543210
(LSB)
TTR1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
TTR2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
TTR3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
"0" = Normal
"1" = Corresponding DS0 Channel is Transparent. (Not signaling or B7 Insertion.)
Figure11. Transmit Transparent Registers (TTR1 - TTR3)
CS62180B
18
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com