Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS62180 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 30Page - Cirrus Logic CS62180 Datasheet HTML 31Page - Cirrus Logic CS62180 Datasheet HTML 32Page - Cirrus Logic CS62180 Datasheet HTML 33Page - Cirrus Logic CS62180 Datasheet HTML 34Page - Cirrus Logic CS62180 Datasheet HTML 35Page - Cirrus Logic CS62180 Datasheet HTML 36Page - Cirrus Logic CS62180 Datasheet HTML 37Page - Cirrus Logic CS62180 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
Yellow Alarm
A yellow alarm may be generated on the trans-
mit side by pulling TYEL high. In 193S mode,
bit 2 yellow alarms are supported internally. In
193E mode, FDL yellow alarms are supported.
These formats are also detected by the receiver
and reported on RYEL. Blue alarms are not sup-
ported in hardware mode, except for the
transmission of all "1’s" on TPOS/TNEG during
loopback.
If S-bit yellow alarm is desired while in 193S
mode, it may be externally provided via S-bit in-
sertion, enabled by pulling the 193SI pin high.
There is, however, no way to generate a bit 2
yellow alarm while in 193E mode. Moreover, the
device will not decode either of these formats,
while in hardware mode. If they are required, ex-
ternal alarm detection must be provided.
Zero Suppression
B7 selects the B7 zero suppres-
sion format for the transmitter. Pulling the B7
pin high enables bit 7 stuffing. Pulling the B8ZS
pin high enables B8ZS encoding on the transmit-
ter. The receiver is always capable of decoding
either B8ZS or AMI-encoded data. Transparent
mode may be selected by holding both pins low.
Loopback
Loopback is also provided in the hardware mode
by simultaneously driving the B7 and B8ZS pins
high. The previous state of the pins is main-
tained, and the selected zero suppression mode
remains effective during loopback. While in
loopback, an unframed all "1’s" signal (Blue
alarm) is output on TPOS/TNEG.
CS62180B
34
DS225PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com