Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS62180 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 21Page - Cirrus Logic CS62180 Datasheet HTML 22Page - Cirrus Logic CS62180 Datasheet HTML 23Page - Cirrus Logic CS62180 Datasheet HTML 24Page - Cirrus Logic CS62180 Datasheet HTML 25Page - Cirrus Logic CS62180 Datasheet HTML 26Page - Cirrus Logic CS62180 Datasheet HTML 27Page - Cirrus Logic CS62180 Datasheet HTML 28Page - Cirrus Logic CS62180 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
circuit shown in Figure A1 in the Applications
section.
T1DM Timing
The 8 kHz link data can be sampled on RLINK
using the falling edge of RFSYNC. Refer to Fig-
ure 18 and "Switching Characteristics–Receiver"
for timing diagrams. RSIGFR, RSIGSEL and
RLCLK serve no purpose in the T1DM mode
and may be ignored.
Receive Control Register (RCR)
The RCR provides for insertion of either idle or
digital milliwatt codes, and has six different con-
trol bits which enable a large number of options
for tailoring the receiver resync behavior. Refer
to Figure 19 for an overview of the RCR.
Receive Code Select/Insert
RCR.4: RCS
RCR.5: RCI
When enabled via RCI (RCR.5), the Receive
Mark Registers are used to select individual DS0
channels for insertion of idle or digital milliwatt
codes, as selected via RCS (RCR.4). There are
three RMR registers: RMR1, RMR2, and RMR3
(Figure 20). Each bit in the RMR registers corre-
sponds to a received DS0 channel: RMR1.0 =
channel 1, RMR1.7 = channel 8, RMR2.7 =
channel 16, etc. A channel is marked for code
insertion by setting the bit which corresponds to
that channel in the appropriate RMR register.
When RCR.5 is clear, code insertion is disabled,
and the contents of the RMR registers are ig-
nored.
RCS (RCR.4) selects whether to insert an idle
code, or a digital milliwatt code, into the individ-
ual DS0 channels marked in the three Receive
Mark Registers (RMR1 - RMR3). Clearing
RCR.4 will select for an idle code (7F hex) to be
inserted into marked channels. Setting RCR.4 to
a "1" will cause a digital milliwatt code (
µ-LAW
format) to be inserted into all marked channels.
Receiver Synchronization
The receiver monitors the incoming signal for
loss of frame alignment (based on FT or FPS bits
only). Unless auto resync has been disabled via
RCR.1 (see below), the receiver will automat-
ically initiate a search for the correct framing
alignment when loss of synchronization is de-
tected, and RLOS (pin 39) will go high until a
new framing alignment is declared.
7
(MSB)
6
543210
(LSB)
RMR1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
RMR2
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RMR3
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
"0" = Normal
"1" = Corresponding DS0 Channel is Replaced with Idle or Digital Milliwatt Code. (See RCR.4 and RCR.5)
Figure 20. Receive Mark Registers (RMR1 - RMR3)
7
(MSB)
654321
0
(LSB)
ARC
OOF
RCI
RCS
SYNCC
SYNCT
SYNCE RESYNC
0
OOF/RCL
0
2 out of 4
0
Disabled
0
Idle (7F)
0 Ft/FPS only 0
10 bits
0 Autoresync
rising edge
triggered.
1
OOF only
1
2 out of 5
1
Enabled
1
Milliwatt
1
Fs/CRC
1
24 bits
1
Disabled
Figure 19. Receive Control Register (RCR)
CS62180B
DS225PP2
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com