Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16129AFPJ Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HA16129AFPJ
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HA16129AFPJ Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button HA16129AFPJ Datasheet HTML 4Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 5Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 6Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 7Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 8Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 9Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 10Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 11Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
HA16129AFPJ
6
Function Start Voltage
This is the minimum required Vout voltage for the
RES, NMI, STBY, and OUTE output pin functions to
start operating. It is stipulated as the voltage that Vout must reach after power is first applied for these pins
to output a low level.
Hysteresis
This is the difference between the LVI function detection voltage when the power-supply voltage drops,
and the clear (reset) voltage when the power-supply voltage rises.
(V
HYSN = VNMI' − V NMI; VHYSS = VSTBY' − V STBY)
OUTE Function
When a microprocessor is in the runaway state, its outputs are undefined, and thus it is possible that the
outputs may be driven by incorrect signals. This function is used to mask such incorrect microprocessor
outputs. When the WDT function recognizes normal operation (when the
RES output is high), the OUTE
output will be held high. When the WDT function recognizes an abnormal state and an auto-reset pulse is
output from the
RES pin, the OUTE output will be held low. Thus microprocessor outputs during
microprocessor runaway can be masked by taking the AND of those outputs and this signal using external
AND gates.
The OUTE output will go high when the C
R pin voltage exceeds VthHcr2, and will go low when that
voltage falls below VthLcr.
There are limitation that apply when the OUTE function is used. Refer to the calculation formulas item for
details.
RES Function
t
RH
This period is the length of the high-level output period of the
RES pulse when the P-RUN signal from the
microprocessor stops. This is the time required for the C
R potential to reach VthLcr from VthHcr1.
t
RL
This period is the length of the low-level output period of the
RES pulse when the P-RUN signal from the
microprocessor stops. This is the time required for the C
R potential to reach VthHcr1 from VthLcr.
t
OFF
This is the time from the point the P-RUN signal from the microprocessor stops to the point a low level is
output from the
RES pin. During normal microprocessor operation, the potential on the C
R pin will be
about Vout
− 0.2 V (although this value may change with the P-RUN signal input conditions, so it should
be verified in the actual application circuit) and t
OFF is the time for the CR pin potential to reach VthLcr
from that potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com