Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16129AFPJ Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # HA16129AFPJ
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HA16129AFPJ Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button HA16129AFPJ Datasheet HTML 13Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 14Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 15Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 16Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 17Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 18Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 19Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 20Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
HA16129AFPJ
15
Electrical Characteristics (Ta = 25
°C, V
CC = 12V, Vout = 5.0V, Rf = RR = 180k Ω, Cf =
3300pF, C
R = 0.1µF, RT = 390kΩ, CRES = 1500pF, RCS = 0.2Ω) (cont)
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
RES
output
block
High level
V
OHR
Vout
− 0.2 Vout
Vout + 0.2 V
I
OHR = 0mA
Low level
V
OLR

0.4
V
I
OLR = 2.0mA
Function start voltage
V
STR
0.7
1.4
V
OUTE
output
block
High level
V
OHE
Vout
− 0.2 Vout
Vout + 0.2 V
I
OHE = 0mA
Low level
V
OLE

0.4
V
I
OLE = 2.0mA
Function start voltage
V
STE
0.7
1.4
V
RES
function
Power on time
ton
25
40
60
ms
Clock off time
toff
80
130
190
ms
Reset pulse high time
t
RH
40
60
90
ms
Reset pulse low time
t
RL
15
20
30
ms
LVI
function
NMI
function
(Vout
detection)
Detection
voltage 1
V
NMI1
4.5
4.63
4.75
V
Hysteresis 1 V
HYSN1
50
100
mV
Temperature
coefficient
| δV
NMI/δT |
100
(400)
ppm/
°C
NMI
function
(V
CC
detection)
Detection
voltage 2
V
NMI2
5.0
5.4
5.7
V
R1 = 13k
Ω,
R2 = 390k
Ω
Hysteresis 2 V
HYSN2
0.5
0.8
1.3
V
R1 = 13k
Ω,
R2 = 390k
Ω
STBY
function
Detection
voltage
V
STBY
2.70
3.00
3.30
V
Hysteresis
V
HYSS
1.20
1.35
1.50
V
Temperature
coefficient
| δV
STBY/δT |
100
(400)
ppm/
°C
RES
delay time
Disable time
t
RES
(100)
200
(300)
µs
Recovery time
tr
(100)
200
(300)
µs
Note:
Values in parentheses are design reference values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com