Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16129AFPJ Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # HA16129AFPJ
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HA16129AFPJ Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button HA16129AFPJ Datasheet HTML 14Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 15Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 16Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 17Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 18Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 19Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 20Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 21Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
HA16129AFPJ
16
Test Circuits
STBY
NMI
RES
Voadj
P-RUN
Rf
Cf
RR
CR
RT
GND
CRES
STBYadj
NMIsns
NMIadj
VCC
CS
CONT
Vout
A
Icont
390k
3300p
0.1
µ
180k
180k
1500p
Here, the Vout voltage is for a VCC
of 12V, and Icont is monitored as
Vout is varied.
VCC
f = 1kHz
duty = 50%
STBY
NMI
RES
Voadj
P-RUN
Rf
Cf
RR
CR
RT
GND
CRES
STBYadj
NMIsns
NMIadj
VCC
CS
CONT
Vout
IIN
390k
3300p
0.1
µ
180k
180k
1500p
VCC
f = 1kHz
duty = 50%
STBY
NMI
RES
Voadj
P-RUN
Rf
Cf
RR
CR
RT
GND
CRES
STBYadj
NMIsns
NMIadj
VCC
CS
CONT
Vout
390k
3300p
0.1
µ
180k
180k
1500p
VCC
f = 1kHz
duty = 50%
Iout
Vout
Vout
*ICC = IIN + Iout
• Vout test circuit
• I
CC test circuit
• Test circuit for other parameters
Units: Resistors
Ω
Capacitors F
V
R2
390k
R1
13k
NMI Vout
detection
NMI V
CC
detection
HA16129AFPJ
HA16129AFPJ
HA16129AFPJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com