Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLT-37 Datasheet(PDF) 7 Page - Roithner LaserTechnik GmbH

Part # DLT-37
Description  The universal driver for Mid-IR LEDs with built-in cooler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DLT-37 Datasheet(HTML) 7 Page - Roithner LaserTechnik GmbH

Back Button DLT-37 Datasheet HTML 3Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 4Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 5Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 6Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 7Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 8Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 9Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 10Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 11Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
5. Mode description.
Driver provides two modes of operation: Quasi Continuous Wave (quasi
steady-state) mode and Pulse mode.
5.1. Quasi continuous wave mode – the oscillating mode of symmetrical
unipolar meander (fig.2.). Such mode provides maximum average optical power
from the LED. Led current in this mode can be changed in the range from 20 to
250 mA using the current adjuster (3). Using the button 8 one of four frequencies
(512 Hz, 2 kHz, 8 kHz and 16 kHz) can be selected. The pulse duration will be
respectively equal 250 µs, 100 µs, 62 µs и 31 µs.
31-1000 µs
31-1000 µs
20-250 mА
f=0,5-16 kHz
Fig.2. Current-time
 relation in case of continuous wave mode.
5.2. Pulse mode – the oscillating mode of pulse sequence (fig.3). Such mode
provides maximum peak optical power from the LED. Similarly to the quasi
continuous wave mode, by adjusting the regulator 3 the LED current can be
changed, but in the wider range: from 0,1 to 2,0 A. Using the button 8 one of four
frequencies (512 Hz, 2 kHz, 8 kHz and 16 kHz) can be selected. Pulse duration can
be also selected in the range from 0.6 to 20 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com