Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLT-37 Datasheet(PDF) 14 Page - Roithner LaserTechnik GmbH

Part # DLT-37
Description  The universal driver for Mid-IR LEDs with built-in cooler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DLT-37 Datasheet(HTML) 14 Page - Roithner LaserTechnik GmbH

Back Button DLT-37 Datasheet HTML 7Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 8Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 9Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 10Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 11Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 12Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 13Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 14Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 15Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
8. Block diagram
The driver block diagramme (pulse power supply) DLT-37 is presented in
fig.12.
The pulse power supply of light-emitting diodes functionally consists of
generator G, single-shot multivibrator M, multiplexer MX1, voltage-to-current
converterv U/I, multiplexer MX2, analog-to-digital converter ADC, liquid crystal
display LCD, the pulse power supply converter of Peltier element DRVP, the pulse
power supply converter DC/DC.
The generator G forms the pulse sequence with variable repetition rate. The
repetition rate can be changed with the help of the button "Frequency". It's
indicated by light-emitting diodes “2 kHz”, “4 kHz”, “8 kHz”, “16kHz”. The
waiting multivibrator M and the multiplexer MX1 receive the voltage impulses in
the form of a meander from the generator G .
The single-shot multivibrator M generates voltage impulses with the
adjustable fixed duration synchronously with rise-up portion of input voltage
impulses. Switching of duration of impulses is carried out by means of the switch
SW1 in the range from 0,6 to 20 µс.
The multiplexer MX1 by means of the button “Operating mode” switch the
clock pulses on the input of voltage-to-current converter U/I. In addition, clock
pulses come to the jack “Synchro” for synchronisation with the external
photoreception amplifier.
The IR-light-emitting diode LED recive a pulse current from U/I converter.
Start-up of circuit U/I is carried out by means of the button “Curent ON/OFF”. The
green light-emitting diode “Work” lights up in that case . If the circuit of the LED
is broken the light-emitting diode “Break” lights up. Adjustment of the amplitude
of the LED pulse current is implemented by means of a potentiometer “Iadjust”.
The circuit executed on DRVP, A2, A3 is used for stabilisation and
adjustment of LED temperature. Stabilisation and temperature adjustment is carried
out by means of Pelte element P. The temperature sensor is based on the
thermoresistor RT. After amplification by A2 the signal from the temperature
sensor supplies on the first input of the error amplifier A3. The reference voltage
from potentiometer "Tadjust" supplies on the second input of A2. The converter
DRVP generates the voltage on the Peltier element which changes the temperature
of the LED and supports its at the level set by the potentiometer "Tadjust". The
DRVP begin working after pressing the button "Cooler ON / OFF". Then cooling is
working the light-emitting diode “Cooling” is shining . Integrated temperature
controller allows to maintain the temperature of LED in the range from -10 ° C to
+25 ° C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com