Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLT-37 Datasheet(PDF) 8 Page - Roithner LaserTechnik GmbH

Part # DLT-37
Description  The universal driver for Mid-IR LEDs with built-in cooler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DLT-37 Datasheet(HTML) 8 Page - Roithner LaserTechnik GmbH

Back Button DLT-37 Datasheet HTML 4Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 5Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 6Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 7Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 8Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 9Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 10Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 11Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 12Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
0,6 -20 µs
f=0,5-16 kHz
Fig.2. Current-time
 relation in case of pulse mode.
Note! Please, don’t use the combination of frequency and pulse duration that gives
a duty cycle more than 10 percents (table 1).
Note! We recommend to use the pulse current amount to 2 A only at pulse duration
less than 1 µs. Otherwise used LED can be broken.
Frequency
512 Hz
2 kHz
8 kHz
16 kHz
0,6
0,8
1
1,2
2
4
8
10
15
Pulse
duration,
µs
20
Table 1. Permissible and impermissible combinations
of frequency and pulse duration in pulse mode.
62-2000 µs
0-2 А



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com