Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6676 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 5 Page - Analog Devices

  AD6676 Datasheet HTML 1Page - Analog Devices AD6676 Datasheet HTML 2Page - Analog Devices AD6676 Datasheet HTML 3Page - Analog Devices AD6676 Datasheet HTML 4Page - Analog Devices AD6676 Datasheet HTML 5Page - Analog Devices AD6676 Datasheet HTML 6Page - Analog Devices AD6676 Datasheet HTML 7Page - Analog Devices AD6676 Datasheet HTML 8Page - Analog Devices AD6676 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 5 of 90
SPECIFICATIONS
VDD1 = VDDL = VDDC = VDDQ = 1.1 V, VDDD = VDDHSI = 1.1 V, VDD2 = 2.5 V, VDDIO = 1.8 V, FIF = 250 MHz, BW = 75 MHz,
FADC = 3.2 GHz, attenuator = 0 dB, L± (inductor values) = 19 nH, maximum PIN_0dBFS setting with IDAC1FS = 4 mA, fDATA_IQ =
200 MSPS, shuffler enabled (every clock cycle) with default threshold of 5, unless otherwise noted.
Table 1.
Parameter
Temperature
Test Conditions/Comments
Min
Typ
Max
Unit
SYSTEM DYNAMIC PERFORMANCE
Full-Scale Input Power Level (PIN_0dBFS)1
−2
dBm
Maximum Continuous Wave (CW) Input
Power2
−2
−1
dBFS
Noise Figure (NF)
No signal and measured
17
dB
Worst In-Band Noise Spectral Density
Full
Over a 5 MHz bandwidth
−155
−152.5
dBFS/Hz
Noise Figure at IF Center (NF)
No signal and measured
13
dB
In-Band Noise Spectral Density (NSD)
Over a 5 MHz bandwidth
−159
dBFS/Hz
Input Second-Order Intercept (IIP2)
−6 dBFS tones
60
dBm
Second-Order Intermodulation
Distortion (IMD) (IMD2)
See Table 20
−68.3
dBc
Input Third-Order Intercept (IIP3)
Full
−8 dBFS tones
36.9
dBm
Third-Order IMD (IMD3)
Full
−8 dBFS tones
−95
−84.2
dBc
Worst In-Band Spur for Swept CW Tone
Full
−2 dBFS tone
−99
−93.5
dBFS
−10 dBFS tone
−109.6
dBFS
In-Band Noise
Full
−2 dBFS tone
−75.5
−73.7
dBFS
Full
No CW tone
−78.5
−76.5
dBFS
Gain Variation
Full
0.5
dB
IF INPUT (VIN±)
Input Span
0 dBFS
0 dB Attenuator Setting
0.48
V p-p
12 dB Attenuator Setting
1.92
V p-p
Common-Mode Input Voltage
Self biased
1.0
V
Differential Input Impedance
25°C
60||2
Ω||pF
Common-Mode Input Impedance
25°C
3.5
kΩ
Full-Scale Input Power Adjustment
(PIN_0dBFS)
IDAC1FS span of 1 mA to 4 mA
12
dB
DIGITAL STEP ATTENUATOR (VIN±)
Attenuation Range
Full
27
dB
Step Size
Full
1
dB
Input Return Loss
Full
20
dB
Input Return Loss Variation vs. Attenuator
Setting
Full
2
dB
CLOCK INPUT (CLK±)
Clock Synthesizer Disabled
Frequency Range
Full
2.0
3.2
GHz
Amplitude Range
Full
0.4
0.8
2.0
V p-p
Differential Input Impedance
25°C
At 3 GHz
86||0.3
Ω||pF
Common Mode Impedance
25°C
At 3 GHz
700||0.8
Ω||pF
Input Return Loss
25°C
With 1:2 balun
15
dB
Common-Mode Voltage
25°C
Self biased
0.70
V
Clock Synthesizer Enabled
Frequency Range3
Full
10
320
MHz
Amplitude Range
Full
Single-ended into CLK+
0.4
0.8
1.1
V p-p
CLK+ Input Impedance
25°C
1.4||1.0
kΩ||pF
Minimum Slew Rate
12
V/μs
Common-Mode Voltage
25°C
Self biased
0.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com