Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6676 Datasheet(PDF) 77 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 77 Page - Analog Devices

Back Button AD6676 Datasheet HTML 73Page - Analog Devices AD6676 Datasheet HTML 74Page - Analog Devices AD6676 Datasheet HTML 75Page - Analog Devices AD6676 Datasheet HTML 76Page - Analog Devices AD6676 Datasheet HTML 77Page - Analog Devices AD6676 Datasheet HTML 78Page - Analog Devices AD6676 Datasheet HTML 79Page - Analog Devices AD6676 Datasheet HTML 80Page - Analog Devices AD6676 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 77 of 90
DEC Low Threshold LSB Register
Address: 0x197, Reset: 0x00, Name: LOWTHRH_LSB
Table 80. Bit Descriptions for LOWTHRH_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
LOWTHRH_LSB
Low Threshold LSB.
0x00
RW
Low Threshold MSB Register
Address: 0x198, Reset: 0x00, Name: LOWTHRH_MSB
Table 81. Bit Descriptions for LOWTHRH_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
0x0
RW
[3:0]
LOWTHRH_MSB
Low Threshold MSB.
0x0
RW
Dwell Time Mantissa Register
Address: 0x199, Reset: 0x00, Name: DWELL_TIME_MANTISSA
Table 82. Bit Descriptions for DWELL_TIME_MANTISSA
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DWELL_TIME_MANTISSA
Dwell Time mantissa.
0x00
RW
Dwell Time Exponent Register
Address: 0x19A, Reset: 0x00, Name: DWELL_TIME_EXP
Table 83. Bit Descriptions for DWELL_TIME_EXP
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
0x0
RW
[3:0]
DWELL_TIME_EXP
Dwell Time Exponent.
0x0
RW
AGC Flag 0 Select Register
Address: 0x19B, Reset: 0x00, Name: FLAG0_SEL
Table 84. Bit Descriptions for FLAG0_SEL
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
0x00
RW
[2:0]
FLAG0_SEL
Select 1 of 4 flags to output on the AGC3 pin.
0x0
RW
000 = ADC reset pulse.
100 = DEC peak above DEC Threshold 0.
101 = DEC peak above DEC Threshold 1.
110 = DEC peak below DEC low threshold for dwell time.
AGC Flag 1 Select Register
Address: 0x19C, Reset: 0x00, Name: FLAG1_SEL
Table 85. Bit Descriptions for FLAG1_SEL
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
0x00
RW
[2:0]
FLAG1_SEL
Select one of four flags to output on the AGC4 pin.
0x0
RW
000 = ADC reset pulse.
100 = DEC peak above DEC Threshold 0.
101 = DEC peak above DEC Threshold 1.
110 = DEC peak below DEC low threshold for dwell time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com