Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6676 Datasheet(PDF) 65 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD6676 Datasheet HTML 61Page - Analog Devices AD6676 Datasheet HTML 62Page - Analog Devices AD6676 Datasheet HTML 63Page - Analog Devices AD6676 Datasheet HTML 64Page - Analog Devices AD6676 Datasheet HTML 65Page - Analog Devices AD6676 Datasheet HTML 66Page - Analog Devices AD6676 Datasheet HTML 67Page - Analog Devices AD6676 Datasheet HTML 68Page - Analog Devices AD6676 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 65 of 90
The AD6676 serial port can support both most significant bit
(MSB) first and least significant bit (LSB) first data formats.
Figure 147 illustrates how the serial port words are formed for
the MSB first and LSB first modes. The bit order is controlled
by the LSB_FIRST bit (Register 0x000, Bit 6). The default value
is 0, MSB first. When the LSB_FIRST bit is set high, the serial
port interprets both instruction and data byte LSBs first.
SCLK
SDATA
R/W
A1
A0 D7D6
D1D0
DATA TRANSFER CYCLE
INSTRUCTION CYCLE
CSB
A14 A13
SCLK
SDATA
R/W
A1
A0
D7
D6
D1
D0
DATA TRANSFER CYCLE
INSTRUCTION CYCLE
CSB
A14
A2
Figure 147. SPI Timing, MSB First (Upper) and LSB First (Lower)
Figure 148 illustrates the timing requirements for a write
operation to the SPI port. After the serial port enable (CSB)
signal goes low, data (SDIO) pertaining to the instruction
header is read on the rising edges of the clock (SCLK). To
initiate a write operation, the read/not write bit is set low. After
the instruction header is read, the eight data bits pertaining to
the specified register are shifted into the SDIO pin on the rising
edge of the next eight clock cycles.
Figure 149 illustrates the timing for a 3-wire read operation to
the SPI port. After CSB goes low, data (SDIO) pertaining to the
instruction header is read on the rising edges of SCLK. A read
operation occurs if the read/not write indicator is set high. After
the address bits of the instruction header are read, the eight data
bits pertaining to the specified register are shifted out of the
SDIO pin on the falling edges of the next eight clock cycles.
Figure 150 illustrates the timing for a 4-wire read operation to
the SPI port. The timing is similar to the 3-wire read operation
with the exception that data appears at the SDO pin only,
whereas the SDIO pin remains at high impedance throughout
the operation. The SDO pin is an active output only during the
data transfer phase and remains three-stated at all other times.
Lastly, the SPI port must not be active during periods when the
full dynamic performance of the converter is required. Because
the SCLK, CSB, and SDIO signals are typically asynchronous to
the ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices,
it may be necessary to provide buffers between this bus and the
AD6676 to keep these signals from transitioning at the converter
input pins and causing unwanted spurious signals.
D7
D6
A0
D1
A14
tS
SCLK
SDIO
tSCLK
tLOW
tHIGH
tDS
tDH
R/W
D0
tH
CSB
A13
Figure 148. SPI Write Operation Timing
D7
D6
A0
D1
A14
tS
SCLK
SDIO
tSCLK
tLOW
tHIGH
tDS
tDH
R/W
D0
tZ
A2
A1
tACCESS
CSB
Figure 149. SPI 3-Wire Read Operation Timing
A0
CSB
A14
tS
SCLK
SDIO
tSCLK
tLOW
tHIGH
tDS
tDH
R/W
A2
A1
tACCESS
D7
D6
D1
SDO
D0
tZ
Figure 150. SPI 4-Wire Read Operation Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com