Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6679 Datasheet(PDF) 71 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD6679 Datasheet HTML 67Page - Analog Devices AD6679 Datasheet HTML 68Page - Analog Devices AD6679 Datasheet HTML 69Page - Analog Devices AD6679 Datasheet HTML 70Page - Analog Devices AD6679 Datasheet HTML 71Page - Analog Devices AD6679 Datasheet HTML 72Page - Analog Devices AD6679 Datasheet HTML 73Page - Analog Devices AD6679 Datasheet HTML 74Page - Analog Devices AD6679 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
AD6679
Data Sheet
Rev. B | Page 70 of 81
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 41 are not currently supported for this device.
Table 41. Memory Map Registers
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Notes
Analog Devices SPI Registers
0x000
INTERFACE_CONFIG_
A
Soft
reset
(self
clearing):
clears
memory
map
registers
LSB first
0 = MSB
1 = LSB
Address
ascension
0
0
Address
ascension
LSB first
0 = MSB
1 = LSB
Soft reset
(self
clearing):
clears
memory
map
registers
0x00
0x001
INTERFACE_CONFIG_B
Single
instruc-
tion
0
0
0
0
0
Datapath
soft
reset
(self
clearing):
does not
clear
memory
map
registers
0
0x00
0x002
DEVICE_CONFIG
(local)
0
0
0
0
0
0
00 = normal
operation
10 = standby
11 = power-down
0x00
0x003
CHIP_TYPE
011 = high speed ADC
0x03
Read
only
0x004
CHIP_ID (low byte)
0xD3
Read
only
0x005
CHIP_ID (high byte)
0
0
0
0
0
0
0
0
0x00
Read
only
0x006
CHIP_GRADE
Chip speed grade
0101 = 500 MSPS
0
1
0
X
X
Read
only
0x008
Device index
0
0
0
0
0
0
Channel
B
Channel
A
0x03
0x00A
Scratch pad
0
0
0
0
0
0
0
0
0x00
0x00B
SPI revision
0
0
0
0
0
0
0
1
0x01
0x00C
Vendor ID (low byte)
0
1
0
1
0
1
1
0
0x56
Read
only
0x00D
Vendor ID (high byte)
0
0
0
0
0
1
0
0
0x04
Read
only
Analog Input Buffer Control Registers
0x015
Analog Input (local)
0
0
0
0
0
0
0
Input
disable
0 =
normal
operation
1 = input
disabled
0x00
0x016
Input termination
(local)
Analog input differential termination
0000 = 400 Ω (default)
0001 = 200 Ω
0010 = 100 Ω
0110 = 50 Ω
1
1
0
0
0x0C
0x934
Input capacitance
0
0
0
0x1F = 3 pF to GND (default)
0x00 = 1.5 pF to GND
0x1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com