Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6679 Datasheet(PDF) 72 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD6679 Datasheet HTML 68Page - Analog Devices AD6679 Datasheet HTML 69Page - Analog Devices AD6679 Datasheet HTML 70Page - Analog Devices AD6679 Datasheet HTML 71Page - Analog Devices AD6679 Datasheet HTML 72Page - Analog Devices AD6679 Datasheet HTML 73Page - Analog Devices AD6679 Datasheet HTML 74Page - Analog Devices AD6679 Datasheet HTML 75Page - Analog Devices AD6679 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
Data Sheet
AD6679
Rev. B | Page 71 of 81
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Notes
0x018
Buffer Control 1
(local)
0000 = 1.0× buffer current
0001 = 1.5× buffer current
0010 = 2.0× buffer current (default)
0011 = 2.5× buffer current
0100 = 3.0× buffer current
0101 = 3.5× buffer current
…
1111 = 8.5× buffer current
0
0
0
0
0x20
0x019
Buffer Control 2
(local)
0100 = Setting 1
0101 = Setting 2
0110 = Setting 3 (default)
0111 = Setting 4
(see Table 11 for setting per frequency range)
0
0
0
0
0x60
0x01A
Buffer Control 3 (local)
0
0
0
0
1000 = Setting 1
1001 = Setting 2
1010 = Setting 3 (default)
(see Table 11 for setting per frequency range)
0x0A
0x11A
Buffer Control 4 (local)
0
0
High
frequency
setting
0 = off
(default)
1 = on
0
0
0
0
0
0x00
0x935
Buffer Control 5 (local)
0
0
0
0
0
Low
frequency
operation
0 = off
1 = on
(default)
0
0
0x04
0x025
Input full-scale range
(local)
0
0
0
0
Full-scale adjust
0000 = 1.94 V p-p
1000 = 1.46 V p-p
1001 = 1.58 V p-p
1010 = 1.70 V p-p
1011 = 1.82 V p-p
1100 = 2.06 V p-p (default)
0x0C
Differ-
ential;
use in
con-
junction
with
Reg.
0x030
0x030
Input full-scale control
(local)
0
0
0
Full-scale control
See Table 11 for recommended
settings for different frequency bands;
default values:
Full scale range ≥ 1.82 V = 001
Full scale range < 1.82 V = 110
0
0
0x04
Used in
con-
junction
with
Reg.
0x025
ADC Function Registers
0x024
V_1P0 control
0
0
0
0
0
0
0
1.0 V
reference
select
0 =
internal
1 =
external
0x00
0x028
Temperature diode
(local)
0
0
0
0
0
0
0
Diode
selection
0 = no
diode
selected
1 =
temper-
ature
diode
selected
0x00
0x03F
PDWN/STBY pin
control (local)
0 =
PDWN/
STBY
enabled
1 =
disabled
0
0
0
0
0
0
0
0x00
Used in
con-
junction
with
Reg.
0x040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com