Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6679 Datasheet(PDF) 82 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 82 Page - Analog Devices

Back Button AD6679 Datasheet HTML 74Page - Analog Devices AD6679 Datasheet HTML 75Page - Analog Devices AD6679 Datasheet HTML 76Page - Analog Devices AD6679 Datasheet HTML 77Page - Analog Devices AD6679 Datasheet HTML 78Page - Analog Devices AD6679 Datasheet HTML 79Page - Analog Devices AD6679 Datasheet HTML 80Page - Analog Devices AD6679 Datasheet HTML 81Page - Analog Devices AD6679 Datasheet HTML 82Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 82 / 82 page
background image
Data Sheet
AD6679
Rev. B | Page 81 of 81
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-275-GGAB-1.
0.80
0.80 REF
0.30 REF
0.75
REF
A
B
C
D
E
F
G
9
10
11
12
13
14
8 7
5
64
2
31
BOTTOM VIEW
10.40 REF
SQ
H
J
K
L
M
N
P
DETAIL A
TOP VIEW
DETAIL A
COPLANARITY
0.12
0.50
0.45
0.40
BALL DIAMETER
SEATING
PLANE
12.10
12.00 SQ
11.90
A1 BALL
PAD CORNER
A1 BALL
PAD CORNER
1.49
1.38
1.27
11.20 SQ
8.20 SQ
1.15
1.05
0.95
0.38
0.33
0.28
Figure 88. 196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
(BP-196-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD6679BBPZ-500
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-196-3
AD6679BBPZRL7-500
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-196-3
AD6679-500EBZ
Evaluation Board for AD6679-500
1 Z = RoHS Compliant Part.
©2015–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13059-0-4/16(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com