Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9864BCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 28Page - Analog Devices AD9864BCPZ Datasheet HTML 29Page - Analog Devices AD9864BCPZ Datasheet HTML 30Page - Analog Devices AD9864BCPZ Datasheet HTML 31Page - Analog Devices AD9864BCPZ Datasheet HTML 32Page - Analog Devices AD9864BCPZ Datasheet HTML 33Page - Analog Devices AD9864BCPZ Datasheet HTML 34Page - Analog Devices AD9864BCPZ Datasheet HTML 35Page - Analog Devices AD9864BCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 31 of 47
Table 21. SPI Registers Associated with Band-Pass Σ-∆ ADC
Address (Hex)
Value
Width
Default Value
Name
0x00
[7:0]
8
0xFF
STBY
0x1C
1
1
0
TUNE_LC
0
1
0
TUNE_RC
0x1D
[2:0]
3
0
CAPL1 [2:0]
0x1E
[5:0]
6
0x00
CAPL1 [5:0]
0x1F
[7:0]
8
0x00
CAPR
0x38
0
1
0
DACCR
0x39
[7:0]
8
0x00
DACDATA
0x3E
0
1
0
ADCCR
When the AD9864 is tuned, the noise figure degradation
attributed solely to the temperature drift of the LC and RC
resonators is minimal. Because the drift of the RC resonator is
actually negligible compared to that of the LC resonator, the
external L and C components temperature drift characteristics
tend to dominate. Figure 51 shows the degradation in noise
figure as the product of the LC value is allowed to vary from
−12.5% to +12.5%. Note that the noise figure remains relatively
constant over a ±3.5% range (±35,000 ppm), suggesting that
most applications do not need to be retuned over the operating
temperature range.
–15
12
11
10
LC ERROR (%)
9
8
0
10
15
–10
–5
BW = 75kHz
BW = 10kHz
BW = 30kHz
5
Figure 51. Typical Noise Figure Degradation from L and C
Component Drift (fCLK = 18 MSPS, fIF = 73.3501 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com